전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MTB030P06KH8-0-T6-G 데이터시트(PDF) 9 Page - Cystech Electonics Corp.

부품명 MTB030P06KH8-0-T6-G
상세설명  P-Channel Enhancement Mode Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYSTEKEC [Cystech Electonics Corp.]
홈페이지  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB030P06KH8-0-T6-G 데이터시트(HTML) 9 Page - Cystech Electonics Corp.

Back Button MTB030P06KH8-0-T6-G Datasheet HTML 2Page - Cystech Electonics Corp. MTB030P06KH8-0-T6-G Datasheet HTML 3Page - Cystech Electonics Corp. MTB030P06KH8-0-T6-G Datasheet HTML 4Page - Cystech Electonics Corp. MTB030P06KH8-0-T6-G Datasheet HTML 5Page - Cystech Electonics Corp. MTB030P06KH8-0-T6-G Datasheet HTML 6Page - Cystech Electonics Corp. MTB030P06KH8-0-T6-G Datasheet HTML 7Page - Cystech Electonics Corp. MTB030P06KH8-0-T6-G Datasheet HTML 8Page - Cystech Electonics Corp. MTB030P06KH8-0-T6-G Datasheet HTML 9Page - Cystech Electonics Corp. MTB030P06KH8-0-T6-G Datasheet HTML 10Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CYStech Electronics Corp.
Spec. No. : C104H8
Issued Date : 2016.04.29
Revised Date :
Page No. : 9/10
MTB030P06KH8
CYStek Product Specification
Recommended wave soldering condition
Soldering Time
Product
Peak Temperature
Pb-free devices
260 +0/-5
°C
5 +1/-1 seconds
Recommended temperature profile for IR reflow
Profile feature
Sn-Pb eutectic Assembly
Pb-free Assembly
Average ramp-up rate
(Tsmax to Tp)
3
°C/second max.
3
°C/second max.
Preheat
−Temperature Min(TS min)
−Temperature Max(TS max)
−Time(ts min to ts max)
100
°C
150
°C
60-120 seconds
150
°C
200
°C
60-180 seconds
Time maintained above:
−Temperature (TL)
− Time (tL)
183
°C
60-150 seconds
217
°C
60-150 seconds
Peak Temperature(TP)
240 +0/-5
°C
260 +0/-5
°C
Time within 5
°C of actual peak
10-30 seconds
20-40 seconds
temperature(tp)
Ramp down rate
6
°C/second max.
6
°C/second max.
Time 25
°C to peak temperature
6 minutes max.
8 minutes max.
Note : All temperatures refer to topside of the package, measured on the package body surface.


유사한 부품 번호 - MTB030P06KH8-0-T6-G

제조업체부품명데이터시트상세설명
logo
Cystech Electonics Corp...
MTB030B03V8 CYSTEKEC-MTB030B03V8 Datasheet
476Kb / 9P
   Dual P-Channel Enhancement Mode MOSFET
MTB030B03V8-0-T6-G CYSTEKEC-MTB030B03V8-0-T6-G Datasheet
476Kb / 9P
   Dual P-Channel Enhancement Mode MOSFET
MTB030N03N3 CYSTEKEC-MTB030N03N3 Datasheet
715Kb / 9P
   30V N-Channel Enhancement Mode MOSFET
MTB030N03N3-0-T1-G CYSTEKEC-MTB030N03N3-0-T1-G Datasheet
715Kb / 9P
   30V N-Channel Enhancement Mode MOSFET
MTB030N04M3-0-T1-G CYSTEKEC-MTB030N04M3-0-T1-G Datasheet
642Kb / 9P
   40V N-Channel Enhancement Mode MOSFET
More results

유사한 설명 - MTB030P06KH8-0-T6-G

제조업체부품명데이터시트상세설명
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4955 GTM-GSS4955 Datasheet
350Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com