전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MTB080P06N3 데이터시트(PDF) 1 Page - Cystech Electonics Corp.

부품명 MTB080P06N3
상세설명  P-Channel Enhancement Mode MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYSTEKEC [Cystech Electonics Corp.]
홈페이지  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB080P06N3 데이터시트(HTML) 1 Page - Cystech Electonics Corp.

  MTB080P06N3 Datasheet HTML 1Page - Cystech Electonics Corp. MTB080P06N3 Datasheet HTML 2Page - Cystech Electonics Corp. MTB080P06N3 Datasheet HTML 3Page - Cystech Electonics Corp. MTB080P06N3 Datasheet HTML 4Page - Cystech Electonics Corp. MTB080P06N3 Datasheet HTML 5Page - Cystech Electonics Corp. MTB080P06N3 Datasheet HTML 6Page - Cystech Electonics Corp. MTB080P06N3 Datasheet HTML 7Page - Cystech Electonics Corp. MTB080P06N3 Datasheet HTML 8Page - Cystech Electonics Corp. MTB080P06N3 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C069N3
Issued Date : 2016.03.24
Revised Date :
Page No. : 1/ 9
MTB080P06N3
CYStek Product Specification
P-Channel Enhancement Mode MOSFET
BVDSS
-60V
MTB080P06N3
-2.5A
ID@VGS=-10V, TA=25°C
VGS=-10V, ID=-2A
80mΩ
RDSON(TYP)
VGS=-4.5V, ID=-1.7A 109mΩ
Features
•Advanced trench process technology
•High density cell design for ultra low on resistance
•Pb-free lead plating and halogen-free package
Equivalent Circuit
Outline
Ordering Information
Device
Package
Shipping
MTB080P06N3-0-T1-G
SOT-23
(Pb-free lead plating and halogen-free package)
3000 pcs / tape & reel
MTB080P06N3
SOT-23
D
G:Gate
S
G
S:Source
D:Drain
Environment friendly grade : S for RoHS compliant products, G for RoHS compliant and
green compound products
Packing spec, T1 : 3000 pcs / tape & reel,7” reel
Product rank, zero for no rank products
Product name


유사한 부품 번호 - MTB080P06N3

제조업체부품명데이터시트상세설명
logo
Cystech Electonics Corp...
MTB080P06N6 CYSTEKEC-MTB080P06N6 Datasheet
518Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTB080P06N6-0-T1-G CYSTEKEC-MTB080P06N6-0-T1-G Datasheet
518Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
More results

유사한 설명 - MTB080P06N3

제조업체부품명데이터시트상세설명
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com