전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FQP140N03L 데이터시트(PDF) 7 Page - Fairchild Semiconductor

부품명 FQP140N03L
상세설명  30V LOGIC N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQP140N03L 데이터시트(HTML) 7 Page - Fairchild Semiconductor

  FQP140N03L Datasheet HTML 1Page - Fairchild Semiconductor FQP140N03L Datasheet HTML 2Page - Fairchild Semiconductor FQP140N03L Datasheet HTML 3Page - Fairchild Semiconductor FQP140N03L Datasheet HTML 4Page - Fairchild Semiconductor FQP140N03L Datasheet HTML 5Page - Fairchild Semiconductor FQP140N03L Datasheet HTML 6Page - Fairchild Semiconductor FQP140N03L Datasheet HTML 7Page - Fairchild Semiconductor FQP140N03L Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
©2000 Fairchild Semiconductor International
Rev. A, April 2000
Package Dimensions
4.50
±0.20
9.90
±0.20
1.52
±0.10
0.80
±0.10
2.40
±0.20
10.00
±0.20
1.27
±0.10
ø3.60
±0.10
(8.70)
1.30
+0.10
–0.05
0.50
+0.10
–0.05
2.54TYP
[2.54
±0.20]
2.54TYP
[2.54
±0.20]
TO-220


유사한 부품 번호 - FQP140N03L

제조업체부품명데이터시트상세설명
logo
Hubbell Incorporated.
FQP14F18X02D HUBBELL-FQP14F18X02D Datasheet
261Kb / 2P
   Vinyl Fully Insulated Brass Female Quick Disconnects, 16 - 14 AWG
logo
Fairchild Semiconductor
FQP14N15 FAIRCHILD-FQP14N15 Datasheet
772Kb / 8P
   150V N-Channel MOSFET
logo
Tripath Technology Inc.
FQP14N15 TRIPATH-FQP14N15 Datasheet
666Kb / 34P
   STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
logo
Inchange Semiconductor ...
FQP14N15 ISC-FQP14N15 Datasheet
301Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
logo
Fairchild Semiconductor
FQP14N30 FAIRCHILD-FQP14N30 Datasheet
728Kb / 8P
   300V N-Channel MOSFET
More results

유사한 설명 - FQP140N03L

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQPF140N03L FAIRCHILD-FQPF140N03L Datasheet
326Kb / 8P
   30V LOGIC N-Channel MOSFET
FQP95N03L FAIRCHILD-FQP95N03L Datasheet
372Kb / 8P
   30V LOGIC N-Channel MOSFET
FQB140N03L FAIRCHILD-FQB140N03L Datasheet
643Kb / 9P
   30V LOGIC N-Channel MOSFET
FQB45N03L FAIRCHILD-FQB45N03L Datasheet
668Kb / 9P
   30V LOGIC N-Channel MOSFET
FQP60N03L FAIRCHILD-FQP60N03L Datasheet
651Kb / 8P
   30V LOGIC N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSM95N03L KERSEMI-KSM95N03L Datasheet
1Mb / 6P
   30V LOGIC N-Channel MOSFET
logo
Fairchild Semiconductor
FQPF45N03L FAIRCHILD-FQPF45N03L Datasheet
688Kb / 8P
   30V LOGIC N-Channel MOSFET
FQPF60N03L FAIRCHILD-FQPF60N03L Datasheet
655Kb / 8P
   30V LOGIC N-Channel MOSFET
logo
Unisonic Technologies
UT60N03 UTC-UT60N03 Datasheet
221Kb / 5P
   30V, 60A N-CHANNEL LOGIC LEVEL MOSFET
logo
Fairchild Semiconductor
FDN361BN FAIRCHILD-FDN361BN Datasheet
103Kb / 5P
   30V N-Channel, Logic Level, PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com