전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LCDA08C-8 데이터시트(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

부품명 LCDA08C-8
상세설명  USB 2.0 power and data line
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
홈페이지  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LCDA08C-8 데이터시트(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LCDA08C-8 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LCDA08C-8 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LCDA08C-8 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Characteristic Curves
Fig1.
8/20µ s Pulse Waveform
0
5
10
15
20
25
30
120
tr
100
80
60
40
20
0
Peak Value IPP
td=t IPP/2
TEST
WAVEFORM
PARAMETERS
tr=8 s
td=20 s
t - Time ( s)
Fig3.
Power Derating Curve
0
25
50
75
100
125
150
110
100
40
30
20
10
0
90
80
70
60
50
Ambient Temperature –TA (ºC)
Fig2. ESD Pulse Waveform (according to IEC 61000-4-2)
60ns
10%
30ns
tr = 0.7~1ns
Time (ns)
90%
100%
Rev : 01.06.2014
2/3
www.leiditech.com
LCDA08C-8
Electrical Characteristics(TA=25°C unless otherwise specified)
Part Number
Device
Marking
VRWM
(V)
VBR
(V)
IT
(mA)
VC
@1A
Vc
IR
μA
(Max)
C
(Pf)
(Typ.)
(Max)
(@A)
LCDA08C-8
LCDA08C-8
8
8.5
1
13.4
28
18
5
5


유사한 부품 번호 - LCDA08C-8

제조업체부품명데이터시트상세설명
logo
UN Semiconducctor INC
LCDA08C-8 UNSEMI-LCDA08C-8 Datasheet
2Mb / 4P
   Transient Voltage Suppressors for ESD Protection
Revision March 1,2022
More results

유사한 설명 - LCDA08C-8

제조업체부품명데이터시트상세설명
logo
Shanghai Leiditech Elec...
SMD05A LEIDITECH-SMD05A Datasheet
253Kb / 3P
   USB 2.0 power and data line
SMD24A LEIDITECH-SMD24A Datasheet
252Kb / 3P
   USB 2.0 power and data line
SMDA24C-8 LEIDITECH-SMDA24C-8 Datasheet
246Kb / 3P
   USB 2.0 power and data line
SM08 LEIDITECH-SM08 Datasheet
133Kb / 3P
   USB 2.0 power and data line
ESD9D5V LEIDITECH-ESD9D5V Datasheet
121Kb / 3P
   USB 2.0 power and data line
LC03CI LEIDITECH-LC03CI Datasheet
259Kb / 3P
   USB 2.0 power and data line
LC0511CCW LEIDITECH-LC0511CCW Datasheet
405Kb / 4P
   USB 2.0 power and data line
SMC36 LEIDITECH-SMC36 Datasheet
129Kb / 3P
   USB 2.0 power and data line
SMDA15C-8 LEIDITECH-SMDA15C-8 Datasheet
246Kb / 3P
   USB 2.0 power and data line
SD05 LEIDITECH-SD05 Datasheet
140Kb / 3P
   USB 2.0 power and data line
SD24C LEIDITECH-SD24C Datasheet
131Kb / 3P
   USB 2.0 power and data line
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com