전자부품 데이터시트 검색엔진 |
|
HCPL-2730S 데이터시트(PDF) 5 Page - Fairchild Semiconductor |
|
HCPL-2730S 데이터시트(HTML) 5 Page - Fairchild Semiconductor |
5 / 15 page 5 www.fairchildsemi.com Single-Channel: 6N138, 6N139 Dual-Channel: HCPL-2730, HCPL-2731 Rev. 1.0.0 Isolation Characteristics (TA = 0 to 70°C Unless otherwise specified) ** All Typicals at TA = 25°C Notes 1. Current Transfer Ratio is defined as a ratio of output collector current, IO, to the forward LED input current, IF, times 100%. 2. Pin 7 open. (6N138 and 6N139 only) 3. Common mode transient immunity in logic high level is the maximum tolerable (positive) dVcm/dt on the leading edge of the com- mon mode pulse signal VCM, to assure that the output will remain in a logic high state (i.e., VO>2.0 V). Common mode transient immunity in logic low level is the maximum tolerable (negative) dVcm/dt on the trailing edge of the common mode pulse signal, VCM, to assure that the output will remain in a logic low state (i.e., VO<0.8 V). 4. Device is considered a two terminal device: Pins 1, 2, 3 and 4 are shorted together and Pins 5, 6, 7 and 8 are shorted together. 5. For dual channel devices, CI-O is measured by shorting pins 1 and 2 or pins 3 and 4 together and pins 5 through 8 shorted together. 6. Measured between pins 1 and 2 shorted together, and pins 3 and 4 shorted together. I Characteristics Test Conditions Symbol Min Typ** Max Unit Input-output insulation leakage current (Relative humidity = 45%) (TA = 25°C, t = 5 s) (VI-O = 3000 VDC) (Note 8) II-O 1.0 µA Withstand insulation test voltage (RH ≤ 50%, TA = 25°C) (Note 4) ( t = 1 min.) VISO 2500 VRMS Resistance (input to output) (Note 4) (VI-O = 500 VDC) RI-O 1012 Ω Capacitance (input to output) (Note 4, 5) (f = 1 MHz) CI-O 0.6 pF Input-Input Insulation leakage current (RH ≤ 45%, VI-I = 500 VDC) (Note 6) t = 5 s, (HCPL-2730/2731 only) II-I 0.005 µA Input-Input Resistance (VI-I = 500 VDC) (Note 6) (HCPL-2730/2731 only) RI-I 1011 Ω Input-Input Capacitance (f = 1 MHz) (Note 6) (HCPL-2730/2731 only) CI-I 0.03 pF |
유사한 부품 번호 - HCPL-2730S |
|
유사한 설명 - HCPL-2730S |