전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA16847 데이터시트(PDF) 9 Page - Infineon Technologies AG

부품명 TDA16847
상세설명  ICs for Consumer Electronics
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA16847 데이터시트(HTML) 9 Page - Infineon Technologies AG

Back Button TDA16847 Datasheet HTML 5Page - Infineon Technologies AG TDA16847 Datasheet HTML 6Page - Infineon Technologies AG TDA16847 Datasheet HTML 7Page - Infineon Technologies AG TDA16847 Datasheet HTML 8Page - Infineon Technologies AG TDA16847 Datasheet HTML 9Page - Infineon Technologies AG TDA16847 Datasheet HTML 10Page - Infineon Technologies AG TDA16847 Datasheet HTML 11Page - Infineon Technologies AG TDA16847 Datasheet HTML 12Page - Infineon Technologies AG TDA16847 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
TDA 16846
TDA 16847
Data Sheet
9
2000-01-14
Figure 5
Startup Voltage Diagram
Primary Current Simulation PCS (Pin 2) / Current Limiting
A voltage proportional to the current of the power transistor is generated at Pin 2 by the
RC-combination
R
2, C2 (Figure 4). The voltage at Pin 2 is forced to 1.5 V when the
power transistor is switched off and during its switch on time
C
2 is charged by R2 from
the rectified mains. The relation of
V
2 and the current in the power transistor (Iprimary) is
:
L
primary: Primary inductance of the transformer
The voltage
V
2 is applied to one input of the On Time Comparator ONTC (see Figure 2).
The other input is the control voltage. If
V
2 exceeds the control voltage, the driver
switches off (current limiting). The maximum value of the control voltage is the internal
reference voltage 5 V, so the maximum current in the power transistor (
I
Mprimary) is
:
The control voltage can be reduced by either the Error Amplifier EA (current mode
regulation), or by an opto coupler at Pin 5 (regulation with opto coupler isolation) or by
the voltage
V
11 at Pin 11 (Fold Back Point Correction).
AED02650
t
Startup
Operation
14
V
Vmax
On
V
VOff
V
2
1,5 V
Lprimary Iprimary
×
R
2
C
2
×
--------------------------------
+
=
I
Mprimar y
3,5 V
R2
×
C2
×
Lprimary
--------------------------------------
=


유사한 부품 번호 - TDA16847

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TDA16847 INFINEON-TDA16847 Datasheet
909Kb / 29P
   Controller for Switch Mode Power Supplies Supporting Low Power Standby and Power Factor
V2.0, 31 July 2003
TDA16847-2 INFINEON-TDA16847-2 Datasheet
909Kb / 29P
   Controller for Switch Mode Power Supplies Supporting Low Power Standby and Power Factor
V2.0, 31 July 2003
More results

유사한 설명 - TDA16847

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
SDA9280 SIEMENS-SDA9280 Datasheet
249Kb / 43P
   ICs for Consumer Electronics
SDA525X-2 SIEMENS-SDA525X-2 Datasheet
147Kb / 23P
   ICs for Consumer Electronics
SDA9270 SIEMENS-SDA9270 Datasheet
599Kb / 33P
   ICs for Consumer Electronics
SDA5275P SIEMENS-SDA5275P Datasheet
142Kb / 30P
   ICs for Consumer Electronics MEGATEXT and MEGATEXT PLUS ICs
logo
Abracon Corporation
ASTMLP ABRACON-ASTMLP Datasheet
5Mb / 13P
   Consumer electronics
06.30.15
logo
Silicon Laboratories
EZR32HG320 SILABS-EZR32HG320 Datasheet
1Mb / 87P
   Consumer electronics
EZR32HG220 SILABS-EZR32HG220 Datasheet
1Mb / 86P
   Consumer electronics
logo
Analog Devices
ADV7613 AD-ADV7613 Datasheet
366Kb / 14P
   Integrated consumer electronics control
logo
Silicon Laboratories
SI4770-77-A20 SILABS-SI4770-77-A20 Datasheet
419Kb / 54P
   HIGH-PERFORMANCE CONSUMER ELECTRONICS
logo
Skyworks Solutions Inc.
SI4704-D50 SKYWORKS-SI4704-D50 Datasheet
385Kb / 33P
   BROADCAST FM RADIO RECEIVER FOR CONSUMER ELECTRONICS
Revision 0.2 to Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com