전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPIC2404 데이터시트(PDF) 5 Page - Texas Instruments

부품명 TPIC2404
상세설명  INTELLIGENT-POWER QUAD LOW-SIDE SWITCH
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPIC2404 데이터시트(HTML) 5 Page - Texas Instruments

  TPIC2404 Datasheet HTML 1Page - Texas Instruments TPIC2404 Datasheet HTML 2Page - Texas Instruments TPIC2404 Datasheet HTML 3Page - Texas Instruments TPIC2404 Datasheet HTML 4Page - Texas Instruments TPIC2404 Datasheet HTML 5Page - Texas Instruments TPIC2404 Datasheet HTML 6Page - Texas Instruments TPIC2404 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TPIC2404
INTELLIGENT-POWER QUAD LOW-SIDE SWITCH
SLIS007A – D3299, AUGUST 1989 – REVISED MAY 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
2–5
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
9
12
16
V
High-level input voltage, VIH
2
5.5
V
Low-level input voltage, VIL
– 0.3†
0.8
V
Peak output voltage from external inductive kickback
45
V
Continuous output sink current
1
A
FAULT output sink current
75
µA
Operating free-air temperature, TA
–40
125
°C
† The algebraic convention, in which the least positive (most negative) value is designated as minimum, is used in this data sheet for logic voltage
levels.
electrical characteristics over recommended ranges of operating free-air temperature and supply
voltages (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
UNIT
VO = 12 V,
ENABLE low
15
100
µA
IO(off)
Off-state output current
VO = 45 V,
ENABLE high
0.6
2
mA
()
VO = 12 V,
ENABLE high
200
400
600
µA
IIL
Low-level input current
VI = 0 to 0.8 V
–10
25
40
µA
IIH
High level input current
A inputs
10
25
60
µA
IIH
High-level input current
ENABLE
0.2
1
mA
IOL = 100 mA
0.1
0.15
VOL
Low level output voltage
IOL = 500 mA
0.3
0.55
V
VOL
Low-level output voltage
IOL = 1 A
0.8
1.3
V
FAULT output,
IOL = 30 µA
0.2
0.4
IOL
Low-level output current
FAULT output,
VOL = 1 V to 5.5 V
50
90
125
µA
IR(K)
Clamp-diode reverse current
Vr = 50 V,
VO = 0
100
µA
VF(K)
Clamp diode forward voltage
If = 1 A
2
V
VF(K)
Clamp-diode forward voltage
If = 1.5 A
2.5
V
Outputs off,
ENABLE low
0.25
ICC
Supply current
Outputs on,
TA = – 40°C
120
mA
Outputs on,
TA = 25°C to 125°C
100
operating characteristics over recommended operating free-air temperature and supply voltages
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
UNIT
High-level output sense voltage threshold
7
V
Low-level output sense voltage threshold
3
V
Overvoltage shutdown
25.5
31
V
Overvoltage shutdown hysteresis
0.25
V
Overcurrent limiting
TA = – 40°C
1.85
A
Overcurrent limiting
TA = 25°C to 125°C
1.2
1.5
A
Thermal shutdown
155
°C
Thermal shutdown hysteresis
15
°C
Turn-on time
8
µs
Turn-off time
8
µs
‡ All typical values are at VCC = 12 V, TA = 25°C.


유사한 부품 번호 - TPIC2404

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPIC2404 TI-TPIC2404 Datasheet
90Kb / 7P
[Old version datasheet]   INTELLIGENT-POWER QUAD LOW-SIDE SWITCH
TPIC2404KN TI-TPIC2404KN Datasheet
90Kb / 7P
[Old version datasheet]   INTELLIGENT-POWER QUAD LOW-SIDE SWITCH
More results

유사한 설명 - TPIC2404

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L9349 STMICROELECTRONICS-L9349 Datasheet
285Kb / 12P
   QUAD INTELLIGENT POWER LOW SIDE SWITCH
L9332 STMICROELECTRONICS-L9332 Datasheet
255Kb / 17P
   Quad intelligent power low side switch
L9346 STMICROELECTRONICS-L9346 Datasheet
96Kb / 13P
   QUAD INTELLIGENT POWER LOW SIDE SWITCH
logo
Texas Instruments
TPIC2404KN TI-TPIC2404KN Datasheet
90Kb / 7P
[Old version datasheet]   INTELLIGENT-POWER QUAD LOW-SIDE SWITCH
logo
STMicroelectronics
L9349-LF STMICROELECTRONICS-L9349-LF Datasheet
267Kb / 17P
   Quad intelligent power low side switch
IPS4260L STMICROELECTRONICS-IPS4260L Datasheet
834Kb / 29P
   Quad low-side intelligent power switch
Rev 5 - July 2021
L9352 STMICROELECTRONICS-L9352 Datasheet
328Kb / 21P
   INTELLIGENT QUAD 2X5A/2X2.5A LOW-SIDE SWITCH
L9347 STMICROELECTRONICS-L9347 Datasheet
329Kb / 21P
   INTELLIGENT QUAD 2X5A/2X2.5A LOW-SIDE SWITCH
L9352B STMICROELECTRONICS-L9352B Datasheet
611Kb / 21P
   INTELLIGENT QUAD (2X5A/2X2.5A) LOW-SIDE SWITCH
logo
International Rectifier
IPS2041RLPBF IRF-IPS2041RLPBF Datasheet
1Mb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com