전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UA78M05 데이터시트(PDF) 7 Page - Texas Instruments

부품명 UA78M05
상세설명  POSITIVE-VOLTAGE REGULATORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

UA78M05 데이터시트(HTML) 7 Page - Texas Instruments

Back Button UA78M05 Datasheet HTML 3Page - Texas Instruments UA78M05 Datasheet HTML 4Page - Texas Instruments UA78M05 Datasheet HTML 5Page - Texas Instruments UA78M05 Datasheet HTML 6Page - Texas Instruments UA78M05 Datasheet HTML 7Page - Texas Instruments UA78M05 Datasheet HTML 8Page - Texas Instruments UA78M05 Datasheet HTML 9Page - Texas Instruments UA78M05 Datasheet HTML 10Page - Texas Instruments UA78M05 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
The
µA78M10 and µA78M15 are
obsolete and are no longer supplied
µA78M00 SERIES
POSITIVE-VOLTAGE REGULATORS
SLVS059K – JUNE 1976 – REVISED FEBRUARY 2003
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified virtual junction temperature, VI = 16 V,IO = 350 mA, TJ = 25°C
(unless otherwise noted)
PARAMETER
TEST CONDITIONS†
µA78M09C
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
Ot
t
lt
VI =11 5Vto24V
IO =5mAto350 mA
8.6
9
9.4
V
Output voltage
VI = 11.5 V to 24 V,
IO = 5 mA to 350 mA
TJ = 0°C to 125°C
8.5
9.5
V
Input voltage regulation
IO = 200 mA
VI = 11.5 V to 26 V
6
100
mV
Input voltage regulation
IO = 200 mA
VI = 12 V to 26 V
2
50
mV
Ripple rejection
VI = 13 V to 23 V,
IO = 100 mA,
TJ = 0°C to 125°C
56
dB
Ripple rejection
I
,
f = 120 Hz
IO = 300 mA
56
80
dB
Output voltage regulation
IO = 5 mA to 500 mA
25
180
mV
Output voltage regulation
IO = 5 mA to 200 mA
10
90
mV
Temperature coefficient
of output voltage
IO = 5 mA,
TJ = 0°C to 125°C
–1
mV/
°C
Output noise voltage
f = 10 Hz to 100 kHz
58
µV
Dropout voltage
2
V
Bias current
4.6
6
mA
Bias current change
VI = 11.5 V to 26 V,
IO = 200 mA,
TJ = 0°C to 125°C
0.8
mA
Bias current change
IO = 5 mA to 350 mA,
TJ = 0°C to 125°C
0.5
mA
Short-circuit output current
VI = 35 V
250
mA
Peak output current
0.7
A
† All characteristics are measured with a 0.33-
µF capacitor across the input and a 0.1-µF capacitor across the output. Pulse-testing techniques
maintain TJ as close to TA as possible. Thermal effects must be taken into account separately.
electrical characteristics at specified virtual junction temperature, VI = 17 V, IO = 350 mA, TJ = 25°C
(unless otherwise noted)
PARAMETER
TEST CONDITIONS†
µA78M10C
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
O tp t oltage
VI =12 5Vto25V
IO =5mAto350 mA
9.6
10
10.4
V
Output voltage
VI = 12.5 V to 25 V,
IO = 5 mA to 350 mA
TJ = 0°C to 125°C
9.5
10.5
V
Input voltage regulation
IO = 200 mA
VI = 12.5 V to 28 V
7
100
mV
Input voltage regulation
IO = 200 mA
VI = 14 V to 28 V
2
50
mV
Ripple rejection
VI = 15 V to 25 V,
IO = 100 mA,
TJ = 0°C to 125°C
59
dB
Ripple rejection
I
,
f = 120 Hz
IO = 300 mA
55
80
dB
Output voltage regulation
IO = 5 mA to 500 mA
25
200
mV
Output voltage regulation
IO = 5 mA to 200 mA
10
100
mV
Temperature coefficient
of output voltage
IO = 5 mA,
TJ = 0°C to 125°C
–1
mV/
°C
Output noise voltage
f = 10 Hz to 100 kHz
64
µV
Dropout voltage
2
V
Bias current
4.7
6
mA
Bias current change
VI = 12.5 V to 28 V,
IO = 200 mA,
TJ = 0°C to 125°C
0.8
mA
Bias current change
IO = 5 mA to 350 mA,
TJ = 0°C to 125°C
0.5
mA
Short-circuit output current
VI = 35 V
245
mA
Peak output current
0.7
A
† All characteristics are measured with a 0.33-
µF capacitor across the input and a 0.1-µF capacitor across the output. Pulse-testing techniques
maintain TJ as close to TA as possible. Thermal effects must be taken into account separately.


유사한 부품 번호 - UA78M05

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UA78M05 TI1-UA78M05 Datasheet
1Mb / 30P
[Old version datasheet]   Positive-Voltage Regulators
UA78M05 TI1-UA78M05 Datasheet
733Kb / 12P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78M05 TI1-UA78M05 Datasheet
1Mb / 30P
[Old version datasheet]   Positive-Voltage Regulators
UA78M05-Q1 TI1-UA78M05-Q1 Datasheet
234Kb / 11P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78M05-Q1 TI1-UA78M05-Q1 Datasheet
733Kb / 12P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
More results

유사한 설명 - UA78M05

제조업체부품명데이터시트상세설명
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com