전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF5801PBF-1 데이터시트(PDF) 6 Page - International Rectifier

부품명 IRF5801PBF-1
상세설명  Industry-standard pinout TSOP-6 Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF5801PBF-1 데이터시트(HTML) 6 Page - International Rectifier

  IRF5801PBF-1 Datasheet HTML 1Page - International Rectifier IRF5801PBF-1 Datasheet HTML 2Page - International Rectifier IRF5801PBF-1 Datasheet HTML 3Page - International Rectifier IRF5801PBF-1 Datasheet HTML 4Page - International Rectifier IRF5801PBF-1 Datasheet HTML 5Page - International Rectifier IRF5801PBF-1 Datasheet HTML 6Page - International Rectifier IRF5801PBF-1 Datasheet HTML 7Page - International Rectifier IRF5801PBF-1 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
July 15, 2014
IRF5801PbF-1
25
50
75
100
125
150
0
5
10
15
20
25
Starting T , Junction Temperature ( C)
J
°
ID
TOP
BOTTOM
0.4A
0.7A
0.9A
Fig 13. On-Resistance Vs. Gate Voltage
Fig 12. On-Resistance Vs. Drain Current
Fig 14a&b. Basic Gate Charge Test Circuit
and Waveform
Fig 15a&b. Unclamped Inductive Test circuit
and Waveforms
Fig 15c. Maximum Avalanche Energy
Vs. Drain Current
D.U.T.
VDS
ID
IG
3mA
VGS
.3
μF
50K
Ω
.2
μF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
VGS
QG
QGS
QGD
VG
Charge
tp
V(BR)DSS
IAS
R G
IAS
0.01
Ω
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
01
234
5
ID , Drain Current ( A )
0.000
2.000
4.000
6.000
8.000
10.000
12.000
VGS = 10V
6.0
7.0
8.0
9.0 10.0 11.0 12.0 13.0 14.0 15.0
VGS, Gate -to -Source Voltage (V)
1.500
1.750
2.000
2.250
2.500
ID = 0.6A


유사한 부품 번호 - IRF5801PBF-1

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF5801PBF-1 IRF-IRF5801PBF-1_15 Datasheet
203Kb / 8P
   HEXFET Power MOSFET
More results

유사한 설명 - IRF5801PBF-1

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRLTS2242PBF IRF-IRLTS2242PBF Datasheet
232Kb / 8P
   Industry-Standard TSOP-6 Package
IRFTS8342PBF IRF-IRFTS8342PBF Datasheet
219Kb / 8P
   Industry-Standard TSOP-6 Package
IRLTS6342PBF IRF-IRLTS6342PBF Datasheet
258Kb / 8P
   Industry-Standard TSOP-6 Package
IRLTS2242PBF IRF-IRLTS2242PBF_15 Datasheet
549Kb / 8P
   Industry-Standard TSOP-6 Package
IRFTS9342PBF IRF-IRFTS9342PBF_15 Datasheet
228Kb / 8P
   Industry-Standard TSOP-6 Package
IRFTS9342PBF IRF-IRFTS9342PBF Datasheet
228Kb / 8P
   Industry-Standard TSOP-6 Package
IRFTS8342PBF IRF-IRFTS8342PBF_15 Datasheet
219Kb / 8P
   Industry-Standard TSOP-6 Package
IRLMS6702PBF-1 IRF-IRLMS6702PBF-1_15 Datasheet
210Kb / 8P
   Industry-standard pinout Micro-6 Package
IRF7413PBF-1 IRF-IRF7413PBF-1_15 Datasheet
233Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8736PBF-1 IRF-IRF8736PBF-1_15 Datasheet
229Kb / 9P
   Industry-standard pinout SO-8 Package
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com