전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF6216PBF-1 데이터시트(PDF) 3 Page - International Rectifier

부품명 IRF6216PBF-1
상세설명  Industry-standard pinout SO-8 Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF6216PBF-1 데이터시트(HTML) 3 Page - International Rectifier

  IRF6216PBF-1 Datasheet HTML 1Page - International Rectifier IRF6216PBF-1 Datasheet HTML 2Page - International Rectifier IRF6216PBF-1 Datasheet HTML 3Page - International Rectifier IRF6216PBF-1 Datasheet HTML 4Page - International Rectifier IRF6216PBF-1 Datasheet HTML 5Page - International Rectifier IRF6216PBF-1 Datasheet HTML 6Page - International Rectifier IRF6216PBF-1 Datasheet HTML 7Page - International Rectifier IRF6216PBF-1 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
June 30, 2014
IRF6216PbF-1
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance
Vs. Temperature
0.01
0.1
1
10
100
0.1
1
10
100
20μs PULSE WIDTH
T = 25
C
J
°
TOP
BOTTOM
VGS
-15V
-12V
-10V
-8.0V
-7.0V
-6.0V
-5.5V
-5.0V
-V
, Drain-to-Source Voltage (V)
DS
-5.0V
0.1
1
10
100
0.1
1
10
100
20μs PULSE WIDTH
T = 150
C
J
°
TOP
BOTTOM
VGS
-15V
-12V
-10V
-8.0V
-7.0V
-6.0V
-5.5V
-5.0V
-V
, Drain-to-Source Voltage (V)
DS
-5.0V
0.1
1
10
100
5.0
5.5
6.0
6.5
7.0
7.5
8.0
V
= -50V
20μs PULSE WIDTH
DS
-V
, Gate-to-Source Voltage (V)
GS
T = 150
C
J
°
T = 25
C
J
°
-60
-40
-20
0
20
40
60
80
100 120 140 160
0.0
0.5
1.0
1.5
2.0
2.5
T , Junction Temperature
( C)
J
°
V
=
I
=
GS
D
-10V
-2.2A


유사한 부품 번호 - IRF6216PBF-1

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF6216PBF-1 IRF-IRF6216PBF-1_15 Datasheet
199Kb / 8P
   HEXFET Power MOSFET
More results

유사한 설명 - IRF6216PBF-1

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7413PBF-1 IRF-IRF7413PBF-1_15 Datasheet
233Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8736PBF-1 IRF-IRF8736PBF-1_15 Datasheet
229Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7821PBF-1 IRF-IRF7821PBF-1_15 Datasheet
260Kb / 10P
   Industry-standard pinout SO-8 Package
IRF7324PBF-1 IRF-IRF7324PBF-1_15 Datasheet
191Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7342PBF-1 IRF-IRF7342PBF-1_15 Datasheet
184Kb / 7P
   Industry-standard pinout SO-8 Package
IRF7420PBF-1 IRF-IRF7420PBF-1_15 Datasheet
196Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7456PBF-1 IRF-IRF7456PBF-1_15 Datasheet
197Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7469PBF-1 IRF-IRF7469PBF-1_15 Datasheet
210Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7103PBF-1 IRF-IRF7103PBF-1_15 Datasheet
281Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8252PBF-1 IRF-IRF8252PBF-1_15 Datasheet
222Kb / 10P
   Industry-standard pinout SO-8 Package
IRF3717PBF-1 IRF-IRF3717PBF-1 Datasheet
258Kb / 10P
   Industry-standard pinout SO-8 Package
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com