전자부품 데이터시트 검색엔진 |
|
4N31MT2 데이터시트(PDF) 10 Page - CT Micro International Corporation |
|
4N31MT2 데이터시트(HTML) 10 Page - CT Micro International Corporation |
10 / 13 page CT Microelectronics Rev 1 Proprietary & Confidential Page 10 Apr, 2014 4N29, 4N30, 4N31, 4N32, 4N33 H11B1, H11B2, H11B3, H11B255, TIL113 DC Input 6-Pin Photodarlington Optocoupler Ordering Information 4N2X(Y)(Z)-G, 4N3X(Y)(Z)-G, H11BX(Y)(Z)-G, TIL113(Y)(Z)-G X = (9 for 4N2X), (0,1,2,3 for 4N3X series), (1,2,3,255 for H11BX series) Y = Lead form option (S, SL, M or none) Z = Tape and reel option (T1, T2 or none) G= Material option (G: Green, None: Non-green) Option Description Quantity None Standard 6 Pin Dip 65Units/Tube M Wide Lead Forming 65Units/Tube S(T1) Surface Mount Lead Forming – With Option 1 Taping 1000 Units/Reel S(T2) Surface Mount Lead Forming – With Option 2 Taping 1000 Units/Reel SL(T1) Surface Mount Lead Forming(Low Profile) – With Option 1 Taping 1000 Units/Reel SL(T2) Surface Mount Lead Forming(Low Profile) – With Option 2 Taping 1000 Units/Reel |
유사한 부품 번호 - 4N31MT2 |
|
유사한 설명 - 4N31MT2 |