전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4N32MT2-G 데이터시트(PDF) 4 Page - CT Micro International Corporation

부품명 4N32MT2-G
상세설명  DC Input 6-Pin Photodarlington Optocoupler
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CTMICRO [CT Micro International Corporation]
홈페이지  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

4N32MT2-G 데이터시트(HTML) 4 Page - CT Micro International Corporation

  4N32MT2-G Datasheet HTML 1Page - CT Micro International Corporation 4N32MT2-G Datasheet HTML 2Page - CT Micro International Corporation 4N32MT2-G Datasheet HTML 3Page - CT Micro International Corporation 4N32MT2-G Datasheet HTML 4Page - CT Micro International Corporation 4N32MT2-G Datasheet HTML 5Page - CT Micro International Corporation 4N32MT2-G Datasheet HTML 6Page - CT Micro International Corporation 4N32MT2-G Datasheet HTML 7Page - CT Micro International Corporation 4N32MT2-G Datasheet HTML 8Page - CT Micro International Corporation 4N32MT2-G Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
CT Microelectronics
Rev 1
Proprietary & Confidential
Page 4
Apr, 2014
4N29, 4N30, 4N31, 4N32, 4N33
H11B1, H11B2, H11B3, H11B255, TIL113
DC Input 6-Pin Photodarlington Optocoupler
Switching Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
TON
Turn On Time
4N29, 4N30,
4N31, 4N32,
4N33, TIL113
IF= 200mA, Ic= 50mA, RL=
100
-
-
4.7
µ s
H11B1, H11B2,
H11B3, H11B255
IF= 10mA, VCE= 10V, RL=
100
-
24
-
TOFF
Turn Off Time
4N29, 4N30,
4N31
IF= 200mA, Ic= 50mA, RL=
100
-
-
30
µ s
4N32, 4N33,
TIL113
-
-
90
H11B1, H11B2,
H11B3, H11B255
IF= 10mA, VCE= 10V, RL=
100
-
17
-


유사한 부품 번호 - 4N32MT2-G

제조업체부품명데이터시트상세설명
logo
Everlight Electronics C...
4N32MTA-V EVERLIGHT-4N32MTA-V Datasheet
327Kb / 13P
   6 PIN PHOTODARLINGTON PHOTOCOUPLER
4N32MTB-V EVERLIGHT-4N32MTB-V Datasheet
327Kb / 13P
   6 PIN PHOTODARLINGTON PHOTOCOUPLER
More results

유사한 설명 - 4N32MT2-G

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
H11B1 ETC1-H11B1 Datasheet
473Kb / 12P
   6-PIN PHOTODARLINGTON OPTOCOUPLER
logo
CT Micro International ...
CT815 CTMICRO-CT815 Datasheet
1Mb / 14P
   DC Input 4-Pin DMC-Isolator Photodarlington Optocoupler
Rev.4 Aug, 2022
CT415 CTMICRO-CT415 Datasheet
1Mb / 10P
   DC Input 4-Pin Mini-Flat Photodarlington Optocoupler
logo
Fairchild Semiconductor
4N30 FAIRCHILD-4N30_07 Datasheet
222Kb / 13P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29SR2M FAIRCHILD-4N29SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29SM FAIRCHILD-4N29SM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N30SM FAIRCHILD-4N30SM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29M FAIRCHILD-4N29M Datasheet
233Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N33SR2M FAIRCHILD-4N33SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
H11B1VM FAIRCHILD-H11B1VM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com