전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SBP13007A 데이터시트(PDF) 4 Page - SemiWell Semiconductor

부품명 SBP13007A
상세설명  High Voltage Fast-Switching NPN Power Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMIWELL [SemiWell Semiconductor]
홈페이지  http://www.semiwellsemi.co.kr
Logo SEMIWELL - SemiWell Semiconductor

SBP13007A 데이터시트(HTML) 4 Page - SemiWell Semiconductor

  SBP13007A Datasheet HTML 1Page - SemiWell Semiconductor SBP13007A Datasheet HTML 2Page - SemiWell Semiconductor SBP13007A Datasheet HTML 3Page - SemiWell Semiconductor SBP13007A Datasheet HTML 4Page - SemiWell Semiconductor SBP13007A Datasheet HTML 5Page - SemiWell Semiconductor SBP13007A Datasheet HTML 6Page - SemiWell Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
0
100
200
300
400
500
600
700
800
2
4
6
8
10
-3V
-1.5V
-5V
V
BE(off)
V
CE, Collector-Emitter Clamp Voltage [V]
10
0
10
1
10
2
10
3
10
-2
10
-1
10
0
10
1
100 µs
10 µs
1ms
500 µs
DC
V
CE, Collector-Emitter Clamp Voltage [V]
0
50
100
150
200
0
25
50
75
100
125
T
C, Case Temperature (
oC)
4/6
SBP13007A
Fig 8. Reverse Biased Safe Operation
Areas
Fig 7. Safe Operation Areas
Fig 9. Power Derating Curve
Single Pulse
Notes :
TJ ≤ 100 °C
IB1 = 2 A
RBB = 0 Ω
LC = 0.2mH


유사한 부품 번호 - SBP13007A

제조업체부품명데이터시트상세설명
logo
Shenzhen Winsemi Microe...
SBP13007A WINSEMI-SBP13007A Datasheet
308Kb / 5P
   High Voltage Fast-Switching NPN Power Transistor
More results

유사한 설명 - SBP13007A

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
BUL312FP STMICROELECTRONICS-BUL312FP Datasheet
149Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL742 STMICROELECTRONICS-BUL742 Datasheet
112Kb / 5P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BULB39D STMICROELECTRONICS-BULB39D Datasheet
191Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
August 2001
SGSIF464 STMICROELECTRONICS-SGSIF464 Datasheet
88Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
STD83003 STMICROELECTRONICS-STD83003 Datasheet
299Kb / 8P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST2001HI STMICROELECTRONICS-ST2001HI Datasheet
67Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST83003 STMICROELECTRONICS-ST83003 Datasheet
258Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
October 2002
BUL128 STMICROELECTRONICS-BUL128 Datasheet
79Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL138 STMICROELECTRONICS-BUL138 Datasheet
69Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL213 STMICROELECTRONICS-BUL213 Datasheet
71Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL39D STMICROELECTRONICS-BUL39D Datasheet
185Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com