전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SBP13007A 데이터시트(PDF) 1 Page - SemiWell Semiconductor

부품명 SBP13007A
상세설명  High Voltage Fast-Switching NPN Power Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMIWELL [SemiWell Semiconductor]
홈페이지  http://www.semiwellsemi.co.kr
Logo SEMIWELL - SemiWell Semiconductor

SBP13007A 데이터시트(HTML) 1 Page - SemiWell Semiconductor

  SBP13007A Datasheet HTML 1Page - SemiWell Semiconductor SBP13007A Datasheet HTML 2Page - SemiWell Semiconductor SBP13007A Datasheet HTML 3Page - SemiWell Semiconductor SBP13007A Datasheet HTML 4Page - SemiWell Semiconductor SBP13007A Datasheet HTML 5Page - SemiWell Semiconductor SBP13007A Datasheet HTML 6Page - SemiWell Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Absolute Maximum Ratings
Symbol
Parameter
Value
Units
VCES
Collector-Emitter Voltage ( VBE = 0 )
700
V
VCEO
Collector-Emitter Voltage ( IB = 0 )
400
V
VEBO
Emitter-Base Voltage ( IC = 0 )
9.0
V
IC
Collector Current
8.0
A
ICM
Collector Peak Current ( tP < 5 ms )
16
A
IB
Base Current
4.0
A
IBM
Base Peak Current ( tP < 5 ms )
8.0
A
PC
Total Dissipation at TC = 25 °C
80
W
TSTG
Storage Temperature
- 65 ~ 150
°C
TJ
Max. Operating Junction Temperature
150
°C
Thermal Characteristics
Symbol
Parameter
Value
Units
RθJC
Thermal Resistance, Junction-to-Case
1.56
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
62.5
°C/W
SBP13007A
Mar, 2003. Rev. 3
1/6
Features
- Very High Switching Speed (Typical 60ns@5.0A)
- Minimum Lot-to-Lot hFE Variation
- Low VCE(sat) (Typical 390mV@5.0A/1.0A)
- Wide Reverse Bias S.O.A
General Description
This device is designed for high voltage, high speed switching char-
acteristic required such as lighting system, switching mode power
supply.
High Voltage Fast-Switching NPN Power Transistor
2.Collector
3.Emitter
1.Base
Symbol
TO-220
SemiWell Semiconductor
1
2
3
Copyright@SemiWell Semiconductor Co., Ltd., All rights reserved


유사한 부품 번호 - SBP13007A

제조업체부품명데이터시트상세설명
logo
Shenzhen Winsemi Microe...
SBP13007A WINSEMI-SBP13007A Datasheet
308Kb / 5P
   High Voltage Fast-Switching NPN Power Transistor
More results

유사한 설명 - SBP13007A

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
BUL312FP STMICROELECTRONICS-BUL312FP Datasheet
149Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL742 STMICROELECTRONICS-BUL742 Datasheet
112Kb / 5P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BULB39D STMICROELECTRONICS-BULB39D Datasheet
191Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
August 2001
SGSIF464 STMICROELECTRONICS-SGSIF464 Datasheet
88Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
STD83003 STMICROELECTRONICS-STD83003 Datasheet
299Kb / 8P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST2001HI STMICROELECTRONICS-ST2001HI Datasheet
67Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST83003 STMICROELECTRONICS-ST83003 Datasheet
258Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
October 2002
BUL128 STMICROELECTRONICS-BUL128 Datasheet
79Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL138 STMICROELECTRONICS-BUL138 Datasheet
69Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL213 STMICROELECTRONICS-BUL213 Datasheet
71Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL39D STMICROELECTRONICS-BUL39D Datasheet
185Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com