전자부품 데이터시트 검색엔진 |
|
1N4004 데이터시트(PDF) 1 Page - Comchip Technology |
|
1N4004 데이터시트(HTML) 1 Page - Comchip Technology |
1 / 2 page 1N4001 thru 1N4007 Features - Plastic package has Underwriters Laboratory Flammability Classification 94V-0 - Low reverse leakage - High forward surge capability - High temperature soldering guaranteed: 350°C/10 Seconds, 0.375" (9.5mm) lead length - Guardring for overvoltage protection Mechanical Data - Case: JEDEC DO-41 molded plastic body - Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 - Polarity: Color band denotes cathode end - Mounting Position: Any - Weight: 0.012 oz., 0.3 g - Weight: 0.34 g General Purpose Plastic Rectifier General Purpose Plastic Rectifier www.comchiptech.com COMCHIP COMCHIP MDS0312002A Page 1 Reverse Voltage: 50 to 1000V Forward Current: 1.0A DO-41 Dimensions in inches and (millimeters) 0.107 (2.7) 0.080 (2.0) Dia. 0.034 (0.86) 0.028 (0.71) Dia. 1.0 (25.4) Min. 0.205 (5.2) 0.160 (4.1) 1.0 (25.4) Min. Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified. Parameter Symb. 1N 1N 1N 1N 1N 1N 1N Unit 4001 4002 4003 4004 4005 4006 4007 Maximum repetitive peak reverse voltage VRRM 50 100 200 400 600 800 1000 V * Maximum RMS voltage VRMS 35 70 140 280 420 560 700 V * Maximum DC blocking voltage VDC 50 100 200 400 600 800 1000 V * Maximum average forward rectified current 0.375" (9.5mm) lead length at TA = 75°C IF(AV) 1.0 A * Peak forward surge current 8.3ms single half sine-wave IFSM 30 A superimposed on rated load (JEDEC Method) TA = 75°C * Maximum full load reverse current, full cycle average 0.375" (9.5mm) lead length TL = 75°C IR(AV) 30 µA Typical thermal resistance(1) R θJA 50 °C/W R θJL 25 * Maximum DC blocking voltage temperature TA +150 V * Operating junction and storage temperature range TJ, TSTG –50 to +175 °C Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified. Maximum instantaneous forward voltage at 1.0A VF 1.1 V * Maximum DC reverse current TA = 25°C 5.0 at rated DC blocking voltage TA = 125°C IR 50 µA Typical junction capacitance at 4.0V, 1MHz CJ 15 pF Note: (1) Thermal resistance from junction to ambient at 0.375” (9.5mm) lead length, P.C.B. mounted *JEDEC registered values |
유사한 부품 번호 - 1N4004 |
|
유사한 설명 - 1N4004 |