전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LD18011AR 데이터시트(PDF) 1 Page - LightKey Optoelectronics Ltd.

부품명 LD18011AR
상세설명  1.80 inch Single Digit 7 Segment LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LIGHTKEY [LightKey Optoelectronics Ltd.]
홈페이지  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD18011AR 데이터시트(HTML) 1 Page - LightKey Optoelectronics Ltd.

  LD18011AR Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD18011AR Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD18011AR Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LightKey
SPEC NO: DS10121495
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 1/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 1.80 inch Single Digit 7 Segment LED Display
LD18011A/B Series - 1.80 inch Single Digit 7 Segment LED Display
Features
45.00 mm (1.80 inch) digit high
Excellent digit appearance
Wide viewing angle
Range of emitted colors
I.C. compatible
Low power consumption
White segment, black face
RoHS compliant
Package Dimensions
26.00
38.00
4.20
PIN 1
2.54*4=10.16
48.00
D
F
E
DP
G
C
B
A
10.0
0.51
Notes:
1. All dimensions are in millimeters (inches), Tolerance is + 0.25mm(0.01inch)unless other wise noted.
2. Specifications are subject to change without notice.
3. The gap between the reflector and PCB shall not exceed 0.25mm.
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Available options
Alternative emitting luminosity:
Standard or high brightness version
Alternative emitted color
Alternative face and segment color
Alternative font
Both CA and CC versions are available
Cropped terminal pins


유사한 부품 번호 - LD18011AR

제조업체부품명데이터시트상세설명
logo
LightKey Optoelectronic...
LD18011ARG LIGHTKEY-LD18011ARG Datasheet
91Kb / 3P
   1.80 inch Single Digit 7 Segment LED Display
More results

유사한 설명 - LD18011AR

제조업체부품명데이터시트상세설명
logo
LightKey Optoelectronic...
LD18011ABRG LIGHTKEY-LD18011ABRG Datasheet
91Kb / 3P
   1.80 inch Single Digit 7 Segment LED Display
LD23011ABRG LIGHTKEY-LD23011ABRG Datasheet
91Kb / 3P
   1.80 inch Single Digit 7 Segment LED Display
logo
China Semiconductor Cor...
CSS-1814B7 CHINASEMI-CSS-1814B7 Datasheet
185Kb / 6P
   1.80 Inch Single Digit Display
logo
LightKey Optoelectronic...
LD23011AB LIGHTKEY-LD23011AB Datasheet
158Kb / 3P
   2.30 inch Single Digit 7 Segment LED Display
LD5011ABRG LIGHTKEY-LD5011ABRG Datasheet
92Kb / 3P
   0.50 inch Single Digit 7 Segment LED Display
LD10012AB LIGHTKEY-LD10012AB Datasheet
164Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
LD10016AB LIGHTKEY-LD10016AB Datasheet
156Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
LD6011AB LIGHTKEY-LD6011AB Datasheet
160Kb / 3P
   0.60 inch Single Digit 7 Segment LED Display
LD30012IJ LIGHTKEY-LD30012IJ Datasheet
168Kb / 3P
   3.00 inch Single Digit 7 Segment LED Display
LD10016CD LIGHTKEY-LD10016CD Datasheet
157Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com