전자부품 데이터시트 검색엔진 |
|
LD40011AG 데이터시트(PDF) 1 Page - LightKey Optoelectronics Ltd. |
|
LD40011AG 데이터시트(HTML) 1 Page - LightKey Optoelectronics Ltd. |
1 / 3 page LightKey SPEC NO: DS10121754 REV: A.4 CHECKED: Emily Zhou APPROVED: M.H. Lin PAGE: 1/3 HTTP://WWW.DISPLAY-LEDS.COM TEL: 0086-574-86322282 DATE: Jul/20/2011 Datasheet of 4.00 inch Single Digit 7 Segment LED Display LD40011A/B Series – 4.00 inch Single Digit 7 Segment LED Display ATTENTION OBSERVE PRECAUTIONS FOR HANDLING ELECTROSTATIC DISCHARGE SENSITIVE DEVICES Features 101.60 mm (4.00 inch) digit high Excellent digit appearance Wide viewing angle Range of emitted colors I.C. compatible Low power consumption White segment, black face Available options Alternative emitting luminosity: Standard or high brightness version Alternative emitted color Alternative face and segment color Alternative font Both CA and CC versions are available Cropped terminal pins RoHS compliant Package Dimensions 60.00 E C 107.00 5.08*4=20.32 0.80 90.00 PIN 1 DP D 10.00 G B F A 10.0 Notes: 1. All dimensions are in millimeters (inches), Tolerance is + 0.25mm(0.01inch)unless other wise noted. 2. Specifications are subject to change without notice. 3. The gap between the reflector and PCB shall not exceed 0.25mm. |
유사한 부품 번호 - LD40011AG |
|
유사한 설명 - LD40011AG |