전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LCCE-025U801-00 데이터시트(PDF) 2 Page - LinkCom Manufacturing Co., Ltd.

부품명 LCCE-025U801-00
상세설명  25W Constant Current Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINKCOM [LinkCom Manufacturing Co., Ltd.]
홈페이지  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

LCCE-025U801-00 데이터시트(HTML) 2 Page - LinkCom Manufacturing Co., Ltd.

  LCCE-025U801-00 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. LCCE-025U801-00 Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd. LCCE-025U801-00 Datasheet HTML 3Page - LinkCom Manufacturing Co., Ltd. LCCE-025U801-00 Datasheet HTML 4Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
25W Constant Current Power Supply
25-LCCE Series
Constant Current Mode
www.linkcom.com.tw For more information, please contact with: sales@linkcom.com.tw
DIMENSIONS
*REFERENCE: www.linkcom.com.tw
Tc Max.
LCCE-025P122 as Tc Max. Reference
Linkcom Manufacturing Co., Ltd.
5F., No. 127, Ln. 235, Baoqiao Rd., Xindian Dist., New Taipei City 231-45, Taiwan ▪ T: +886-2-8919-1380 ▪ F: +886-2-8919-1370 ▪ www.linkcom.com.tw


유사한 부품 번호 - LCCE-025U801-00

제조업체부품명데이터시트상세설명
logo
LinkCom Manufacturing C...
LCCE-025U801 LINKCOM-LCCE-025U801 Datasheet
544Kb / 5P
   Power Supply
More results

유사한 설명 - LCCE-025U801-00

제조업체부품명데이터시트상세설명
logo
Mean Well Enterprises C...
LPF-25 MEANWELL-LPF-25 Datasheet
537Kb / 6P
   25W Constant Voltage Constant Current LED Driver
IDPC-25 MEANWELL-IDPC-25 Datasheet
139Kb / 6P
   25W Constant Current Mode LED Driver
IDLC-25 MEANWELL-IDLC-25 Datasheet
264Kb / 6P
   25W Constant Current Mode LED Driver
APC-25 MEANWELL-APC-25_17 Datasheet
70Kb / 2P
   CONSTANT CURRENT MODE POWER SUPPLY
APC-35 MEANWELL-APC-35_17 Datasheet
70Kb / 2P
   CONSTANT CURRENT MODE POWER SUPPLY
logo
ETA-USA
SVA-SC ETA-USA-SVA-SC Datasheet
2Mb / 3P
   25W ??Isolated Power Supply
SVA-SD ETA-USA-SVA-SD Datasheet
2Mb / 3P
   25W Isolated Power Supply
WRT-X-O ETA-USA-WRT-X-O Datasheet
1Mb / 3P
   25W & 30W Power Supply
VTA01C12 ETA-USA-VTA01C12 Datasheet
7Mb / 3P
   25W Isolated Power Supply
VTA21-FWC12 ETA-USA-VTA21-FWC12 Datasheet
6Mb / 3P
   25W Isolated Power Supply
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com