전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LCVE-030U240-00 데이터시트(PDF) 2 Page - LinkCom Manufacturing Co., Ltd.

부품명 LCVE-030U240-00
상세설명  30W LED Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINKCOM [LinkCom Manufacturing Co., Ltd.]
홈페이지  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

LCVE-030U240-00 데이터시트(HTML) 2 Page - LinkCom Manufacturing Co., Ltd.

  LCVE-030U240-00 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. LCVE-030U240-00 Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd. LCVE-030U240-00 Datasheet HTML 3Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
30W LED Power Supply
Constant Voltage Mode
30-LCVE Series
www.linkcom.com.tw For more information, please contact with: sales@linkcom.com.tw
*REFERENCE: www.linkcom.com.tw
DERATING CURVE
DIMENSIONS
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
-20
-10
0
10
20
30
40
50
60
70
AMBIENT TEMPERTURE(℃)
Tc Max.
LCVE-030U240 as Tc Max. Reference
Linkcom Manufacturing Co., Ltd.
5F., No. 127, Ln. 235, Baoqiao Rd., Xindian Dist., New Taipei City 231-45, Taiwan ▪ T: +886-2-8919-1380 ▪ F: +886-2-8919-1370 ▪ www.linkcom.com.tw


유사한 부품 번호 - LCVE-030U240-00

제조업체부품명데이터시트상세설명
logo
LinkCom Manufacturing C...
LCVE-030X125 LINKCOM-LCVE-030X125 Datasheet
112Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCVE-030X240 LINKCOM-LCVE-030X240 Datasheet
111Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
More results

유사한 설명 - LCVE-030U240-00

제조업체부품명데이터시트상세설명
logo
Mean Well Enterprises C...
PLN-30 MEANWELL-PLN-30_11 Datasheet
200Kb / 3P
   30W Single Output LED Power Supply
PLP-30 MEANWELL-PLP-30_11 Datasheet
330Kb / 3P
   30W Single Output LED Power Supply
PLC-30 MEANWELL-PLC-30_12 Datasheet
245Kb / 3P
   30W Single Output LED Power Supply
PLP-30 MEANWELL-PLP-30_12 Datasheet
330Kb / 3P
   30W Single Output LED Power Supply
PLC-30 MEANWELL-PLC-30 Datasheet
241Kb / 3P
   30W Single Output LED Power Supply
GSV30 MEANWELL-GSV30 Datasheet
403Kb / 7P
   30W With PFC LED Power Supply
logo
Recom International Pow...
RACD30 RECOM-RACD30_13 Datasheet
96Kb / 2P
   30W Class II AC-DC LED Power Supply
logo
ETA-USA
WRT-X-O ETA-USA-WRT-X-O Datasheet
1Mb / 3P
   25W & 30W Power Supply
logo
Sanyo Semicon Device
STK4151V SANYO-STK4151V Datasheet
379Kb / 5P
   AF Power Amplifier (Split Power Supply) (30W 30W min, THD = 0.08%)
STK4152II SANYO-STK4152II Datasheet
460Kb / 8P
   AF Power Amplifier (Split Power Supply) (30W 30W min, THD = 0.4%)
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com