전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLC7530D-640ML_ 데이터시트(PDF) 2 Page - Coilcraft lnc.

부품명 SLC7530D-640ML_
상세설명  Shielded Power Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COILCRAFT [Coilcraft lnc.]
홈페이지  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

SLC7530D-640ML_ 데이터시트(HTML) 2 Page - Coilcraft lnc.

  SLC7530D-640ML_ Datasheet HTML 1Page - Coilcraft lnc. SLC7530D-640ML_ Datasheet HTML 2Page - Coilcraft lnc. SLC7530D-640ML_ Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Shielded Power Inductors - SLC7530 Series
Document 366-2 Revised 09/15/15
Document 366-2
Single Conductor
Dual Conductor
0.1
0.01
1
0.1
1
100
10
Current (A)
-101
-820
-640
-500
Measured with leads connected in series
Measured with leads connected in parallel
-101
-820
-640
-500
Typical L vs Current
0.1
0.01
1
0.1
1
100
10
Current (A)
-101
-820
-640
-500
0.1
0.01
1
0.01
0.1
10
1
Frequency (MHz)
-640
-500
-820
-101
0.1
0.01
1
0.01
0.1
10
1
Frequency (MHz)
Measured with leads connected in series
Measured with leads connected in parallel
-640
-500
-820
-101
-640
-500
-820
-101
Single Conductor
Dual Conductor
Typical L vs Frequency


유사한 부품 번호 - SLC7530D-640ML_

제조업체부품명데이터시트상세설명
logo
Coilcraft lnc.
SLC7530D-640MLB COILCRAFT-SLC7530D-640MLB Datasheet
167Kb / 3P
   Shielded Power Inductors - SLC7530
SLC7530D-640MLC COILCRAFT-SLC7530D-640MLC Datasheet
167Kb / 3P
   Shielded Power Inductors - SLC7530
SLC7530D-640MLD COILCRAFT-SLC7530D-640MLD Datasheet
167Kb / 3P
   Shielded Power Inductors - SLC7530
SLC7530D-640ML_ COILCRAFT-SLC7530D-640ML_ Datasheet
429Kb / 3P
   Shielded Power Inductors
More results

유사한 설명 - SLC7530D-640ML_

제조업체부품명데이터시트상세설명
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com