전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC88FC3H0AUTJ-2H 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 LC88FC3H0AUTJ-2H
상세설명  16-bit Microcontroller 512K-byte Flash ROM / 47.5K-byte RAM / 100-pin
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC88FC3H0AUTJ-2H 데이터시트(HTML) 2 Page - ON Semiconductor

  LC88FC3H0AUTJ-2H Datasheet HTML 1Page - ON Semiconductor LC88FC3H0AUTJ-2H Datasheet HTML 2Page - ON Semiconductor LC88FC3H0AUTJ-2H Datasheet HTML 3Page - ON Semiconductor LC88FC3H0AUTJ-2H Datasheet HTML 4Page - ON Semiconductor LC88FC3H0AUTJ-2H Datasheet HTML 5Page - ON Semiconductor LC88FC3H0AUTJ-2H Datasheet HTML 6Page - ON Semiconductor LC88FC3H0AUTJ-2H Datasheet HTML 7Page - ON Semiconductor LC88FC3H0AUTJ-2H Datasheet HTML 8Page - ON Semiconductor LC88FC3H0AUTJ-2H Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
LC88FC3H0A
www.onsemi.com
2
Function Details
 Xstromy16 CPU
 4G-byte address space
 General-purpose registers : 16 bits  16 registers
 Flash ROM
 524288  8 bits
 Programming voltage level : 2.7 to 3.6V.
 Block-erasable in 2K byte units.
 Data written in 2-byte units.
 RAM
 48640  8 bits
Minimum instruction cycle time (tCYC)
 100 ns (10 MHz),
VDD = 2.7 to 3.6V
 Ports
 Normal withstand voltage I/O ports
Ports whose I/O direction can be designated in 1 bit units : 86 (P0n P1n, P2n, P3n, P4n, P5n, P6n, P7n, PAn
PB0 to PB6, PC2, PD0 to PD5)
 Oscillation/normal withstand voltage I/O ports
: 4 (PC0, PC1, PC3, PC4)
 Reset pins
: 1 (RESB)
 TEST pins
: 1 (TEST)
 Power pins
: 8 (VSS1 to 4, VDD1 to 4)
 Timers
 Timer 0 : 16-bit timer that supports PWM/toggle outputs
<1> 5-bit prescaler
<2> 8-bit PWM
 2, 8-bit timer + 8-bit PWM mode selectable
<3> Clock source selectable from system clock, OSC0, OSC1, and internal RC oscillator.
 Timer 1 : 16-bit timer with capture registers
<1> 5-bit prescaler
<2> May be divided into 2 channels of 8-bit timer
<3> Clock source selectable from system clock, OSC0, OSC1, and internal RC oscillator
 Timer 2 : 16-bit timer with capture registers
<1> 4-bit prescaler
<2> May be divided into 2 channels of 8-bit timer
<3> Clock source selectable from system clock, OSC0, OSC1, and external events
 Timer 3 : 16-bit timer that shpports PWM/toggle outputs
<1> 8-bit prescaler
<2> 8-bit timer
 2ch or 8-bit timer+8-bit PWM mode selectable
<3> Clock source selectable from system clock, OSC0, OSC1, and external events
 Timer 4 : 16-bit timer that supports toggle outputs
<1> Clock source selectable from system clock and prescaler 0
 Timer 5 : 16-bit timer that supports toggle output
<1> Clock source selectable from system clock and prescaler 0
 Timer 6 : 16-bit timer that supports toggle outputs
<1> Clock source selectable from system clock and prescaler 1
 Timer 7 : 16-bit timer that supports toggle output
<1> Clock source selectable from system clock and prescaler 1
*Prescaler 0 and 1 are consisted of 4bits and can choose their clock source from OSC0 or OSC1.
 Base timer
<1> Clock may be selected from OSC0 (32.768 kHz crystal oscillator) and frequency-divided output of
system clock.
<2> Interrupts can be generated in 7 timing schemes.


유사한 부품 번호 - LC88FC3H0AUTJ-2H

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LC88FC3J0A ONSEMI-LC88FC3J0A Datasheet
418Kb / 48P
   16-bit Microcontroller 640K-byte Flash ROM / 47.5K-byte RAM / 100-pin
January 2016 - Rev. 1
LC88FC3J0AUTJ-2H ONSEMI-LC88FC3J0AUTJ-2H Datasheet
418Kb / 48P
   16-bit Microcontroller 640K-byte Flash ROM / 47.5K-byte RAM / 100-pin
January 2016 - Rev. 1
LC88FC3K0A ONSEMI-LC88FC3K0A Datasheet
418Kb / 48P
   16-bit Microcontroller
September 2015 - Rev. 0
More results

유사한 설명 - LC88FC3H0AUTJ-2H

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LC88FC3J0A ONSEMI-LC88FC3J0A Datasheet
418Kb / 48P
   16-bit Microcontroller 640K-byte Flash ROM / 47.5K-byte RAM / 100-pin
January 2016 - Rev. 1
LC88FC2D0B ONSEMI-LC88FC2D0B Datasheet
453Kb / 47P
   16-bit Microcontroller 256K-byte Flash ROM / 24Kbyte RAM / 100-pin
March 2016 - Rev. 0
LC88FC2F0B ONSEMI-LC88FC2F0B Datasheet
453Kb / 47P
   16-bit Microcontroller 384K-byte Flash ROM / 24Kbyte RAM / 100-pin
March 2016 - Rev. 0
logo
STMicroelectronics
ST10F280-AB STMICROELECTRONICS-ST10F280-AB Datasheet
31Kb / 4P
   16-Bit MCU with 512K Byte FLASH and 18K Byte RAM Memories
ST10F280 STMICROELECTRONICS-ST10F280 Datasheet
1Mb / 186P
   16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
logo
Sanyo Semicon Device
LC875CC8A SANYO-LC875CC8A Datasheet
238Kb / 29P
   ROM 128K/112K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC876D16A SANYO-LC876D16A Datasheet
141Kb / 19P
   ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC877G16A SANYO-LC877G16A Datasheet
100Kb / 17P
   CMOS IC 16K-byte ROM and 512-byte RAM 8-bit 1-chip Microcontroller
logo
STMicroelectronics
ST10F168 STMICROELECTRONICS-ST10F168 Datasheet
897Kb / 74P
   16-BIT MCU WITH 256K BYTE FLASH MEMORY AND 8K BYTE RAM
logo
Sanyo Semicon Device
LC868016 SANYO-LC868016 Datasheet
689Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com