전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CBC-EVAL-12-34803 데이터시트(PDF) 6 Page - Cymbet Corporation

부품명 CBC-EVAL-12-34803
상세설명  Using CBC348xx EnerChip RTC in High Accuracy Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYMBET [Cymbet Corporation]
홈페이지  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

CBC-EVAL-12-34803 데이터시트(HTML) 6 Page - Cymbet Corporation

  CBC-EVAL-12-34803 Datasheet HTML 1Page - Cymbet Corporation CBC-EVAL-12-34803 Datasheet HTML 2Page - Cymbet Corporation CBC-EVAL-12-34803 Datasheet HTML 3Page - Cymbet Corporation CBC-EVAL-12-34803 Datasheet HTML 4Page - Cymbet Corporation CBC-EVAL-12-34803 Datasheet HTML 5Page - Cymbet Corporation CBC-EVAL-12-34803 Datasheet HTML 6Page - Cymbet Corporation CBC-EVAL-12-34803 Datasheet HTML 7Page - Cymbet Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
AN-1058: Using CBC348xx EnerChip RTC in High Accuracy Applications
©2014 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
Doc AN-72-1058 Rev B
Page 6 of 7
In applications where high rates of temperature change rates are expected, the system could be operated in RC
Autocalibrate mode for the main part of the year to save power and switch to Crystal (XT) mode when a large or
fast temperature excursion is detected by the system microcontroller.
Initial Timing Calibration Algorithm
To initially calibrate out any crystal frequency inaccuracies and any parasitic load inaccuracies, the following
procedure should be run using a timing measurement device that can resolve better than one ppm in less than
a half-second. This device could be a frequency counter with a good calibration, a custom circuit built on the
device-under-test (DUT) board of the system tester that includes an accurate oscillator of 10MHz or better and
a counter that can count how many tenths of microseconds between the edges of the clock output from the
CBC348xx, or possibly the system tester itself if it can be calibrated to resolve tenths of microseconds between
edges of the output clock. The procedure is as follows:
1. Set the OFFSETX, CMDX, and XTCAL register fields to 0 to make sure the oscillator is running
without any calibration taking place. The CMDX and OFFSETX fields are both in the CAL_XT register.
The XTCAL bits are in the Osc Control register.
2. Select the XT oscillator by setting the OSEL bit of the Osc register to 0.
3. Configure a square wave output on one of the output pins of frequency Fnom (for example 16Hz).
See register SQW in the datasheet for information on how to do this.
4. Measure the pulse width of several cycles of the square wave with a resolution of better than
0.25ppm (resolve edges to 15ns or better using averaging if needed) and convert to a frequency
Fmeas by taking the reciprocal of the pulse width.
5. Compute the pulse adjustment value (PADJ) required in ppm as ((32,768 - Fmeas)*1000000) /
32,768 = PADJ.
6. Compute the adjustment value in steps as PADJ / (1000000 / 2^19) = Padj / (1.90735) = ADJ.
7. If ADJ < -320 the XT frequency is too high to be calibrated. Contact Cymbet for design assistance.
8. Compensate by starting at the top of this table and proceeding down until the pertinent condition is
met and set the fields XTCAL, CMDX, and OFFSETX as indicated:
If ADJ is as below
set XTCAL =
set CMDX =
set OFFSETX =
ADJ < -256
3
1
(ADJ + 192)/2
-256 < ADJ < -192
3
0
(ADJ + 192)
-192 < ADJ < -128
2
0
(ADJ + 128)
-128 < ADJ < -64
1
0
(ADJ + 64)
-64 < ADJ < 64
0
0
(ADJ)
64 < ADJ < 128
0
1
(ADJ)/2
Otherwise, XT is too low to calibrate. Contact Cymbet.
The calibration register values can be saved in nonvolatile memory in the final system’s microprocessor for
reloading when system power is recovered.
Suggested Crystals for CBC348xx devices
The CBC348xx should operate well with any standard 32.768kHz tuning fork crystal with 0-12pF capacitance
and 0-90KΩ ESR. Some crystals that can be used with the CBC348xx are:
Microcrystal
CC7V-T1A or CM7V-T1A
Cardinal
CPSZ-A2 C1 70 -32.768 D9
Epson
C-002RX, FC-135, FC-12D, or FC-12M


유사한 부품 번호 - CBC-EVAL-12-34803

제조업체부품명데이터시트상세설명
logo
Cymbet Corporation
CBC-EVAL-12-34803 CYMBET-CBC-EVAL-12-34803 Datasheet
326Kb / 5P
   Extend Battery Life by Reducing System Power using the EnerChip RTC
More results

유사한 설명 - CBC-EVAL-12-34803

제조업체부품명데이터시트상세설명
logo
Cymbet Corporation
AN-1025 CYMBET-AN-1025 Datasheet
695Kb / 8P
   Using the EnerChip??in Pulse Current Applications
DS-72-35 CYMBET-DS-72-35 Datasheet
4Mb / 14P
   EnerChip??RTC Evaluation Kit
DS-72-39 CYMBET-DS-72-39 Datasheet
4Mb / 14P
   EnerChip??RTC Evaluation Kit
DS-72-37 CYMBET-DS-72-37 Datasheet
4Mb / 14P
   EnerChip??RTC Evaluation Kit
AN-1059 CYMBET-AN-1059 Datasheet
326Kb / 5P
   Extend Battery Life by Reducing System Power using the EnerChip RTC
logo
Golledge Electronics Lt...
RV8803C7 GOLLEDGE-RV8803C7_18 Datasheet
770Kb / 5P
   RTC I C bus High Accuracy
logo
Cymbet Corporation
AN-1036 CYMBET-AN-1036 Datasheet
674Kb / 7P
   Using the EnerChip CC in Energy Harvesting Designs
logo
NHP Electrical Engineer...
2080-MEMBAK-RTC NHP-2080-MEMBAK-RTC Datasheet
636Kb / 1P
   M830/M850 PLUG-IN RECIPE BACKUP AND HIGH ACCURACY RTC
6 June 2023,
logo
Intersil Corporation
ISL12020M INTERSIL-ISL12020M_11 Datasheet
768Kb / 6P
   High-Accuracy RTC Modules, Feature-Rich RTCs
logo
Cymbet Corporation
MDP79410 CYMBET-MDP79410 Datasheet
202Kb / 1P
   Microchip MDP79410 RTC Power Backup with EnerChip Battery
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com