전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CBC-EVAL-05B 데이터시트(PDF) 10 Page - Cymbet Corporation

부품명 CBC-EVAL-05B
상세설명  EnerChip CC with Integrated Power Management
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYMBET [Cymbet Corporation]
홈페이지  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

CBC-EVAL-05B 데이터시트(HTML) 10 Page - Cymbet Corporation

Back Button CBC-EVAL-05B Datasheet HTML 4Page - Cymbet Corporation CBC-EVAL-05B Datasheet HTML 5Page - Cymbet Corporation CBC-EVAL-05B Datasheet HTML 6Page - Cymbet Corporation CBC-EVAL-05B Datasheet HTML 7Page - Cymbet Corporation CBC-EVAL-05B Datasheet HTML 8Page - Cymbet Corporation CBC-EVAL-05B Datasheet HTML 9Page - Cymbet Corporation CBC-EVAL-05B Datasheet HTML 10Page - Cymbet Corporation CBC-EVAL-05B Datasheet HTML 11Page - Cymbet Corporation CBC-EVAL-05B Datasheet HTML 12Page - Cymbet Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
EnerChip CC CBC3105
©2012-2014 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
DS-72-21 Rev G
Page 10 of 12
Preliminary
Figure 7: CBC3105 Typical Circuit for Mode 2 Operation
Mode 2 Operation
Figure 7 shows the circuitry for user-selectable switchover threshold to a value between 2.5 and 5.0 volts. Use
Figure 8 to determine the value of R1. To determine the amount of hysteresis from the EnerChip switchover
threshold, use Figure 9.
To determine the backup switchover hysteresis for Mode 2 operation, use Figure 9.
Figure 8: Mode 2 Resistor Selection Graph
Figure 9: Mode 2 Hysteresis as a Function of R2/R1
Battery Switchover Threshold Voltage vs. R2/R1
Ratio
0
1
2
3
4
5
6
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
1.1
R2/R1 Ratio
Trip point
Hysteresis in Battery Switchover Threshold
Voltage vs. R2/R1 Ratio
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1 1.1
R2/R1 Ratio
Hysteresis
EnerChip charging and backup power switchover threshold for 2.5 to 5.5 volt operation is selected by changing
the value of R2 (see Figure 7). To determine the backup switchover point, set the value of R1 to 200kΩ and
choose the value of R2 according to Figure 8. For example, to set a 3.0V trip point: If R1=200 kΩ then R2 = R1
x 0.72 = 144kΩ. Figure 7 shows a Mode 2 circuit with standard value resistors of 200kΩ and 143kΩ.


유사한 부품 번호 - CBC-EVAL-05B

제조업체부품명데이터시트상세설명
logo
Cymbet Corporation
CBC-EVAL-05B CYMBET-CBC-EVAL-05B Datasheet
1Mb / 12P
   EnerChip CC with Integrated Power Management
CBC-EVAL-05B CYMBET-CBC-EVAL-05B Datasheet
817Kb / 7P
   EnerChip CC Evaluation Kit
More results

유사한 설명 - CBC-EVAL-05B

제조업체부품명데이터시트상세설명
logo
Cymbet Corporation
CBC3105 CYMBET-CBC3105 Datasheet
1Mb / 12P
   EnerChip CC with Integrated Power Management
CBC3112 CYMBET-CBC3112 Datasheet
1Mb / 16P
   EnerChip CC with Integrated Power Management
DS-72-04 CYMBET-DS-72-04 Datasheet
1Mb / 16P
   EnerChip CC with Integrated Power Management
CBC3150-D9C CYMBET-CBC3150-D9C Datasheet
1Mb / 15P
   EnerChip CC with Integrated Power Management
CBC3150 CYMBET-CBC3150 Datasheet
935Kb / 16P
   EnerChip CC with Integrated Power Management
CBC3112-D7C CYMBET-CBC3112-D7C Datasheet
1Mb / 15P
   EnerChip CC with Integrated Power Management
AN-1041 CYMBET-AN-1041 Datasheet
292Kb / 3P
   EnerChip CC Li-Ion Battery Charger with Integrated Energy Storage
CBC-EVAL-05B CYMBET-CBC-EVAL-05B Datasheet
817Kb / 7P
   EnerChip CC Evaluation Kit
CBC-EVAL-10 CYMBET-CBC-EVAL-10 Datasheet
1Mb / 15P
   EnerChip??CC Energy Harvester Evaluation Kit
CBC-EVAL-11 CYMBET-CBC-EVAL-11 Datasheet
1Mb / 8P
   EnerChip??CC Inductive Charging Evaluation Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com