전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM25V01A-G 데이터시트(PDF) 1 Page - Cypress Semiconductor

부품명 FM25V01A-G
상세설명  128-Kbit (16K 횞 8) Serial (SPI) F-RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM25V01A-G 데이터시트(HTML) 1 Page - Cypress Semiconductor

  FM25V01A-G Datasheet HTML 1Page - Cypress Semiconductor FM25V01A-G Datasheet HTML 2Page - Cypress Semiconductor FM25V01A-G Datasheet HTML 3Page - Cypress Semiconductor FM25V01A-G Datasheet HTML 4Page - Cypress Semiconductor FM25V01A-G Datasheet HTML 5Page - Cypress Semiconductor FM25V01A-G Datasheet HTML 6Page - Cypress Semiconductor FM25V01A-G Datasheet HTML 7Page - Cypress Semiconductor FM25V01A-G Datasheet HTML 8Page - Cypress Semiconductor FM25V01A-G Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
FM25V01A
128-Kbit (16K × 8) Serial (SPI) F-RAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-90881 Rev. *E
Revised January 14, 2016
128-Kbit (16K × 8) Serial (SPI) F-RAM
Features
128-Kbit ferroelectric random access memory (F-RAM)
logically organized as 16K × 8
High-endurance 100 trillion (10
14) read/writes
151-year data retention (See the Data Retention and
Endurance table)
NoDelay™ writes
Advanced high-reliability ferroelectric process
Very fast serial peripheral interface (SPI)
Up to 40-MHz frequency
Direct hardware replacement for serial flash and EEPROM
Supports SPI mode 0 (0, 0) and mode 3 (1, 1)
Sophisticated write-protection scheme
Hardware protection using the Write Protect (WP) pin
Software protection using Write Disable instruction
Software block protection for 1/4, 1/2, or entire array
Device ID
Manufacturer ID and Product ID
Low power consumption
2.5-mA active current at 40 MHz
150-A standby current
8-A sleep mode current
Low-voltage operation: VDD = 2.0 V to 3.6 V
Industrial temperature: –40 C to +85 C
8-pin small outline integrated circuit (SOIC) package
Restriction of hazardous substances (RoHS) compliant
Functional Description
The FM25V01A is a 128-Kbit nonvolatile memory employing an
advanced ferroelectric process. An F-RAM is nonvolatile and
performs reads and writes similar to a RAM. It provides reliable
data retention for 151 years while eliminating the complexities,
overhead, and system-level reliability problems caused by serial
flash, EEPROM, and other nonvolatile memories.
Unlike serial flash and EEPROM, the FM25V01A performs write
operations at bus speed. No write delays are incurred. Data is
written to the memory array immediately after each byte is
successfully transferred to the device. The next bus cycle can
commence without the need for data polling. In addition, the
product offers substantial write endurance compared with other
nonvolatile memories. The FM25V01A is capable of supporting
1014 read/write cycles, or 100 million times more write cycles
than EEPROM.
These capabilities make the FM25V01A ideal for nonvolatile
memory
applications
requiring
frequent
or
rapid
writes.
Examples range from data logging, where the number of write
cycles may be critical, to demanding industrial controls where the
long write time of serial flash or EEPROM can cause data loss.
The FM25V01A provides substantial benefits to users of serial
EEPROM or flash as a hardware drop-in replacement. The
FM25V01A uses the high-speed SPI bus, which enhances the
high-speed write capability of F-RAM technology. The device
incorporates a read-only Device ID that allows the host to
determine the manufacturer, product density, and product
revision. The device specifications are guaranteed over an
industrial range of –40
C to +85 C.
For a complete list of related resources, click here.
Logic Block Diagram
Instruction Decoder
Clock Generator
Control Logic
Write Protect
Instruction Register
Address Register
Counter
16 K x 8
F-RAM Array
14
Data I/O Register
8
Nonvolatile Status
Register
3
WP
CS
HOLD
SCK
SO
SI


유사한 부품 번호 - FM25V01A-G

제조업체부품명데이터시트상세설명
logo
Ramtron International C...
FM25V01 RAMTRON-FM25V01 Datasheet
407Kb / 15P
   128Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25V01 CYPRESS-FM25V01 Datasheet
508Kb / 15P
   128Kb Serial 3V F-RAM Memory
FM25V01 CYPRESS-FM25V01 Datasheet
471Kb / 18P
   128Kb Serial 3V F-RAM Memory
FM25V01-G CYPRESS-FM25V01-G Datasheet
508Kb / 15P
   128Kb Serial 3V F-RAM Memory
FM25V01-G CYPRESS-FM25V01-G Datasheet
471Kb / 18P
   128Kb Serial 3V F-RAM Memory
More results

유사한 설명 - FM25V01A-G

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
CY15B128Q CYPRESS-CY15B128Q Datasheet
2Mb / 22P
   128-Kbit (16K 횞 8) Automotive Serial (SPI) F-RAM
FM24V01A CYPRESS-FM24V01A Datasheet
1Mb / 19P
   128-Kbit (16K 횞 8) Serial (I2C) F-RAM
CY15B128J CYPRESS-CY15B128J Datasheet
1Mb / 19P
   128-Kbit (16K 횞 8) Automotive Serial (I2C) F-RAM
FM25V02A CYPRESS-FM25V02A Datasheet
819Kb / 23P
   256-Kbit (32K 횞 8) Serial (SPI) F-RAM
CY15B004Q CYPRESS-CY15B004Q Datasheet
686Kb / 22P
   4-Kbit (512 횞 8) Serial (SPI) Automotive F-RAM
CY15E016Q CYPRESS-CY15E016Q Datasheet
613Kb / 20P
   16-Kbit (2K 횞 8) Serial (SPI) Automotive F-RAM
CY15E004Q CYPRESS-CY15E004Q Datasheet
686Kb / 22P
   4-Kbit (512 횞 8) Serial (SPI) Automotive F-RAM
CY15B064Q CYPRESS-CY15B064Q Datasheet
610Kb / 20P
   64-Kbit (8K 횞 8) Serial (SPI) Automotive F-RAM
CY15B256Q CYPRESS-CY15B256Q Datasheet
778Kb / 22P
   256-Kbit (32K 횞 8) Automotive Serial (SPI) F-RAM
CY15E064Q CYPRESS-CY15E064Q Datasheet
610Kb / 20P
   64-Kbit (8K 횞 8) Serial (SPI) Automotive F-RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com