전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM25V02A-DG 데이터시트(PDF) 9 Page - Cypress Semiconductor

부품명 FM25V02A-DG
상세설명  256-Kbit (32K 횞 8) Serial (SPI) F-RAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM25V02A-DG 데이터시트(HTML) 9 Page - Cypress Semiconductor

Back Button FM25V02A-DG Datasheet HTML 5Page - Cypress Semiconductor FM25V02A-DG Datasheet HTML 6Page - Cypress Semiconductor FM25V02A-DG Datasheet HTML 7Page - Cypress Semiconductor FM25V02A-DG Datasheet HTML 8Page - Cypress Semiconductor FM25V02A-DG Datasheet HTML 9Page - Cypress Semiconductor FM25V02A-DG Datasheet HTML 10Page - Cypress Semiconductor FM25V02A-DG Datasheet HTML 11Page - Cypress Semiconductor FM25V02A-DG Datasheet HTML 12Page - Cypress Semiconductor FM25V02A-DG Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
FM25V02A
Document Number: 001-90865 Rev. *F
Page 9 of 23
requires an additional dummy byte. After receiving the opcode,
address, and a dummy byte, the FM25V02A starts driving its SO
line with data bytes, with the MSB first, and continues trans-
mitting as long as the device is selected and the clock is
available. In case of bulk read, the internal address counter is
incremented automatically, and after the last address 7FFFh is
reached, the counter rolls over to 0000h. When the device is
driving data on its SO line, any transition on its SI line is ignored.
The rising edge of CS terminates a fast read operation and
tristates the SO pin. A Fast Read operation is shown in Figure 13.
Figure 11. Memory Write (WREN not shown) Operation
Figure 12. Memory Read Operation
Figure 13. Fast Read Operation
CS
SCK
SO
0123
4
5
6
7
0
7
6
5
4
3
2
1
12 13 14 15 01234567
MSB
LSB
Data
D0
D1
D2
D3
D4
D5
D6
D7
SI
Opcode
0
0
0
0
001
X A14 A13 A12 A11
A9
0
A10
A8
A3
A1
A2
A0
15-bit Address
MSB
LSB
HI-Z
CS
SCK
SO
01
23
456
7
0
7
6
5
4
3
2
1
12 13 14 15 0123
45
6
7
MSB
LSB
Data
SI
Opcode
00
0
0
0
0
1
X A14 A13 A12 A11
A9
1
A10
A8
A3
A1
A2
A0
15-bit Address
MSB
LSB
D0
D1
D2
D3
D4
D5
D6
D7
HI-Z
CS
SCK
SO
0123
4
5
6
7
0
7
6
5
4
3
2
1
12131415 16 17 18 19 20 21 22 23
Data
SI
Opcode
0
0
0
0
101
X A14 A13
A11
A9
1
A10
A8
A3
A1
A2
A0
15-bit Address
MSB
LSB
MSB
LSB
D0
D1
D2
D3
D4
D5
D6
D7
0123
45
67
X
X
X
X
X
X
X
X
Dummy Byte
HI-Z
A12


유사한 부품 번호 - FM25V02A-DG

제조업체부품명데이터시트상세설명
logo
Ramtron International C...
FM25V02 RAMTRON-FM25V02 Datasheet
343Kb / 17P
   256Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25V02 CYPRESS-FM25V02 Datasheet
549Kb / 17P
   256Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25V02-DG RAMTRON-FM25V02-DG Datasheet
343Kb / 17P
   256Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25V02-DG CYPRESS-FM25V02-DG Datasheet
549Kb / 17P
   256Kb Serial 3V F-RAM Memory
FM25V02-DG CYPRESS-FM25V02-DG Datasheet
504Kb / 18P
   256Kb Serial 3V F-RAM Memory
More results

유사한 설명 - FM25V02A-DG

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
CY15B256Q CYPRESS-CY15B256Q Datasheet
778Kb / 22P
   256-Kbit (32K 횞 8) Automotive Serial (SPI) F-RAM
FM24V02A CYPRESS-FM24V02A Datasheet
1Mb / 19P
   256-Kbit (32K 횞 8) Serial (I2C) F-RAM
CY15B256J CYPRESS-CY15B256J Datasheet
1Mb / 21P
   256-Kbit (32K 횞 8) Automotive Serial (I2C) F-RAM
FM25V01A CYPRESS-FM25V01A Datasheet
777Kb / 22P
   128-Kbit (16K 횞 8) Serial (SPI) F-RAM
CY15B004Q CYPRESS-CY15B004Q Datasheet
686Kb / 22P
   4-Kbit (512 횞 8) Serial (SPI) Automotive F-RAM
CY15E016Q CYPRESS-CY15E016Q Datasheet
613Kb / 20P
   16-Kbit (2K 횞 8) Serial (SPI) Automotive F-RAM
CY15E004Q CYPRESS-CY15E004Q Datasheet
686Kb / 22P
   4-Kbit (512 횞 8) Serial (SPI) Automotive F-RAM
CY15B128Q CYPRESS-CY15B128Q Datasheet
2Mb / 22P
   128-Kbit (16K 횞 8) Automotive Serial (SPI) F-RAM
CY15B064Q CYPRESS-CY15B064Q Datasheet
610Kb / 20P
   64-Kbit (8K 횞 8) Serial (SPI) Automotive F-RAM
CY15E064Q CYPRESS-CY15E064Q Datasheet
610Kb / 20P
   64-Kbit (8K 횞 8) Serial (SPI) Automotive F-RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com