전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK1487 데이터시트(PDF) 2 Page - Inchange Semiconductor Company Limited

부품명 2SK1487
상세설명  Fast Switching Speed
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ISC [Inchange Semiconductor Company Limited]
홈페이지  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SK1487 데이터시트(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SK1487 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SK1487 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
2
isc N-Channel Mosfet Transistor
2SK1487
·ELECTRICAL CHARACTERISTICS (TC=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS=0; ID= 10mA
450
V
VGS(th)
Gate Threshold Voltage
VDS=10 VGS; ID=1mA
2.0
4.0
V
RDS(on)
Drain-Source On-stage Resistance
VGS=10V; ID=5A
0.64
1.0
Ω
IGSS
Gate Source Leakage Current
VGS= ±25V;VDS= 0
±100
nA
IDSS
Zero Gate Voltage Drain Current
VDS=450V; VGS= 0
300
uA
VSD
Diode Forward Voltage
IF=10A; VGS=0
2.0
V
tr
Rise time
VGS=10V;ID=5A;RL=40Ω
45
ns
ton
Turn-on time
70
ns
tf
Fall time
65
ns
toff
Turn-off time
150
ns
PDF pdfFactory Pro
www.fineprint.cn


유사한 부품 번호 - 2SK1487

제조업체부품명데이터시트상세설명
logo
NEC
2SK1482 NEC-2SK1482 Datasheet
346Kb / 6P
   N-Channel MOS FET FOR Switching
logo
Renesas Technology Corp
2SK1482 RENESAS-2SK1482 Datasheet
216Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2001
logo
NEC
2SK1483 NEC-2SK1483 Datasheet
281Kb / 6P
   N-CHANNEL MOS FET FOR SWITCHING
logo
Guangdong Kexin Industr...
2SK1483 KEXIN-2SK1483 Datasheet
45Kb / 1P
   MOS Field Effect Transistor
logo
Renesas Technology Corp
2SK1483 RENESAS-2SK1483 Datasheet
507Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
1990
More results

유사한 설명 - 2SK1487

제조업체부품명데이터시트상세설명
logo
Surge Components
1N3004W SURGE-1N3004W Datasheet
393Kb / 3P
   fast switching speed
logo
Pan Jit International I...
SS0130UFN2B PANJIT-SS0130UFN2B Datasheet
96Kb / 5P
   Fast switching speed
logo
Diodes Incorporated
BAW101-7 DIODES-BAW101-7 Datasheet
79Kb / 4P
   Fast Switching Speed
logo
SHENZHEN YONGERJIA INDU...
MMBD4448AQW WINNERJOIN-MMBD4448AQW Datasheet
133Kb / 2P
   Fast Switching Speed
logo
Inchange Semiconductor ...
2SK1879 ISC-2SK1879 Datasheet
60Kb / 2P
   Fast Switching Speed
4N90 ISC-4N90 Datasheet
65Kb / 2P
   Fast Switching Speed
6N25 ISC-6N25 Datasheet
65Kb / 2P
   Fast Switching Speed
8N90 ISC-8N90 Datasheet
58Kb / 2P
   Fast Switching Speed
9N40 ISC-9N40 Datasheet
67Kb / 2P
   Fast Switching Speed
logo
Nanjing International G...
BAV19WS DGNJDZ-BAV19WS Datasheet
100Kb / 3P
   Fast switching speed
BAV23A DGNJDZ-BAV23A Datasheet
308Kb / 1P
   Fast Switching Speed
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com