전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DM11H 데이터시트(PDF) 6 Page - Silicon Touch Technology Inc.

부품명 DM11H
상세설명  Maximum output voltage: 17V
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SITI [Silicon Touch Technology Inc.]
홈페이지  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM11H 데이터시트(HTML) 6 Page - Silicon Touch Technology Inc.

Back Button DM11H Datasheet HTML 2Page - Silicon Touch Technology Inc. DM11H Datasheet HTML 3Page - Silicon Touch Technology Inc. DM11H Datasheet HTML 4Page - Silicon Touch Technology Inc. DM11H Datasheet HTML 5Page - Silicon Touch Technology Inc. DM11H Datasheet HTML 6Page - Silicon Touch Technology Inc. DM11H Datasheet HTML 7Page - Silicon Touch Technology Inc. DM11H Datasheet HTML 8Page - Silicon Touch Technology Inc. DM11H Datasheet HTML 9Page - Silicon Touch Technology Inc. DM11H Datasheet HTML 10Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
8-bit Constant Current LED Driver with Error Detection
Version:PRE.002
Page 5
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM11H
Maximum Ratings (Ta=25°C, Tj(max) = 120°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Supply Voltage
VCC
-0.3 ~ 7.0
V
Input Voltage
VIN
-0.3 ~ VCC+0.3
V
Output Current
IOUT
90
mA
Output Voltage
VOUT
-0.3 ~ 17
V
Input Clock Frequency
FCKI
30
MHz
GND Terminal Current
IGND
1500
mA
1.17 ( SOP16)
Power Dissipation
PD
0.82 (SSOP16)
W
81.2 (SOP16)
Thermal Resistance
Rth(j-a)
115.9 (SSOP16)
°C/W
Operating Temperature
Top
-40 ~ 85
°C
Storage Temperature
Tstg
-55 ~ 150
°C
Recommended Operating Condition
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Supply Voltage
VCC
3.0
5.5
V
Output Voltage
VOUT
Driver Off
*1
17
V
IO
OUTn, VCC=5V
5
90
IOH
VOH = VCC – 0.2 V
+4
Output Current
IOL
VOL = 0.2 V
-4
mA
VIH
0.7VCC
VCC
Input Voltage
VIL
VCC = 3.3 V ~ 5V
0.0
0.3VCC
V
Single Chip Operation
30
Input Clock Frequency
FCKI
Cascade Operation
MHz
LAT Pulse Width
twLAT
15
CLK Pulse Width
tw CLK
13
EN Pulse Width
tw EN
50
Set-up Time for DAI
tsetup(D)
10
Hold Time for DAI
thold(D)
10
Set-up Time for LAT
tsetup(L)
10
Hold Time for LAT
thold(L)
10
Detection Response
tdet
VCC = 5.0V
100
ns
*1 The driver output voltage including any overshoot stress has to be compliant with the maximum voltage (17V).


유사한 부품 번호 - DM11H

제조업체부품명데이터시트상세설명
logo
Extech Instruments Corp...
DM110 EXTECH-DM110 Datasheet
148Kb / 2P
   Pocket Multimeter 4000 Count Autoranging DMM
DM110 EXTECH-DM110_15 Datasheet
250Kb / 1P
   Mini Pocket MultiMeter
logo
MicroPower Direct, LLC
DM111E MPD-DM111E Datasheet
217Kb / 2P
   UltraMiniature, 1W SIP Single & Dual Output DC/DC Converters
DM111E MPD-DM111E Datasheet
245Kb / 2P
   DM100E SERIES
DM112E MPD-DM112E Datasheet
217Kb / 2P
   UltraMiniature, 1W SIP Single & Dual Output DC/DC Converters
More results

유사한 설명 - DM11H

제조업체부품명데이터시트상세설명
logo
Silicon Touch Technolog...
42-DL211B SITI-42-DL211B Datasheet
114Kb / 6P
   Maximum output voltage: 17V
DM137 SITI-DM137 Datasheet
768Kb / 32P
   Maximum output voltage: 17V
DM13H-E SITI-DM13H-E Datasheet
508Kb / 25P
   Maximum output voltage: 17V
DM632C SITI-DM632C Datasheet
697Kb / 25P
   Maximum output voltage: 17V
DM13G SITI-DM13G Datasheet
550Kb / 26P
   Maximum output voltage: 17V
DM117 SITI-DM117 Datasheet
602Kb / 22P
   Maximum output voltage: 17V
DM13H SITI-DM13H Datasheet
596Kb / 26P
   Maximum output voltage: 17V
DM632B SITI-DM632B Datasheet
953Kb / 31P
   Maximum output voltage: 17V
DM13C SITI-DM13C Datasheet
694Kb / 27P
   Maximum output voltage: 17V
DM631B SITI-DM631B Datasheet
920Kb / 31P
   Maximum output voltage: 17V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com