전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DM631B 데이터시트(PDF) 4 Page - Silicon Touch Technology Inc.

부품명 DM631B
상세설명  Maximum output voltage: 17V
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SITI [Silicon Touch Technology Inc.]
홈페이지  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM631B 데이터시트(HTML) 4 Page - Silicon Touch Technology Inc.

  DM631B Datasheet HTML 1Page - Silicon Touch Technology Inc. DM631B Datasheet HTML 2Page - Silicon Touch Technology Inc. DM631B Datasheet HTML 3Page - Silicon Touch Technology Inc. DM631B Datasheet HTML 4Page - Silicon Touch Technology Inc. DM631B Datasheet HTML 5Page - Silicon Touch Technology Inc. DM631B Datasheet HTML 6Page - Silicon Touch Technology Inc. DM631B Datasheet HTML 7Page - Silicon Touch Technology Inc. DM631B Datasheet HTML 8Page - Silicon Touch Technology Inc. DM631B Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC
.
新竹市科學園區展業一路9號7樓之1
9-7F-1, Prosperity RoadⅠ, Hsin-Chu, Taiwan, R.O.C.
Tel:886-3-5645656
Fax:886-3-5645626
16-channel 12-bit PWM Constant Current LED Driver
Version:PRE.001
Preliminary
Page 3
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM631B
Pin Connection
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
OUT0
OUT1
OUT2
OUT3
VCC
REXT
DAO
GCK
GND
DCK
LAT
OUT 15
OUT 14
OUT 13
OUT 12
DAI
SOP24
TSSOP24E
( top view )
9
10
11
12
16
15
14
13
OUT4
OUT5
OUT6
OUT7
OUT 11
OUT 10
OUT 9
OUT 8
SOP24B
DIP24B
Pin Description
PIN No.
PIN
NAME
FUNCTION
SOP24B/SSOP24/TSSOP24E: 1
TSSOP24E: exposed pad
GND
Ground terminal.
SOP24B/SSOP24/TSSOP24E: 2
DAI
Serial data input terminal.
SOP24B/SSOP24/TSSOP24E: 3
DCK
Synchronous clock input terminal for serial data transfer.
Data is sampled at the rising edge of DCK.
SOP24B/SSOP24/TSSOP24E: 4
LAT
Input terminal of data strobe:
‘H’ means data on shift register goes through latch
(level trigger), all outputs off and counter reset
immediately
‘L’ means data is latched.
SOP24B/SSOP24/TSSOP24E: 5~20
OUT0~15 Sink constant-current outputs (open-drain).
SOP24B/SSOP24/TSSOP24E: 21
GCK
Gray Scale Clock (GCK) :
Input terminal for PWM operation.
SOP24B/SSOP24/TSSOP24E: 22
DAO
Serial data output terminal.
Data shift out at the rising edge of DCK in REM
∗1
(default),
or data shift out at the falling edge of DCK in FEM
∗2
.
SOP24B/SSOP24/TSSOP24E: 23
REXT
External resistors connected between REXT and GND for
output current value setting.
SOP24B/SSOP24/TSSOP24E: 24
VCC
Supply voltage terminal.
1 Rising Edge Mode
2 Falling Edge Mode


유사한 부품 번호 - DM631B

제조업체부품명데이터시트상세설명
logo
Silicon Touch Technolog...
DM631 SITI-DM631 Datasheet
500Kb / 24P
   16-CHANNEL CONSTANT CURRENT LED DRIVER WITH PROGRAMMABLE PWM OUTPUTS
logo
List of Unclassifed Man...
DM6310P ETC-DM6310P Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
DM6312P ETC-DM6312P Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
More results

유사한 설명 - DM631B

제조업체부품명데이터시트상세설명
logo
Silicon Touch Technolog...
42-DL211B SITI-42-DL211B Datasheet
114Kb / 6P
   Maximum output voltage: 17V
DM137 SITI-DM137 Datasheet
768Kb / 32P
   Maximum output voltage: 17V
DM13H-E SITI-DM13H-E Datasheet
508Kb / 25P
   Maximum output voltage: 17V
DM632C SITI-DM632C Datasheet
697Kb / 25P
   Maximum output voltage: 17V
DM13G SITI-DM13G Datasheet
550Kb / 26P
   Maximum output voltage: 17V
DM117 SITI-DM117 Datasheet
602Kb / 22P
   Maximum output voltage: 17V
DM11H SITI-DM11H Datasheet
446Kb / 23P
   Maximum output voltage: 17V
DM13H SITI-DM13H Datasheet
596Kb / 26P
   Maximum output voltage: 17V
DM632B SITI-DM632B Datasheet
953Kb / 31P
   Maximum output voltage: 17V
DM13C SITI-DM13C Datasheet
694Kb / 27P
   Maximum output voltage: 17V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com