전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST2226B 데이터시트(PDF) 4 Page - Silicon Touch Technology Inc.

부품명 ST2226B
상세설명  Maximum output current: 60 mA
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SITI [Silicon Touch Technology Inc.]
홈페이지  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

ST2226B 데이터시트(HTML) 4 Page - Silicon Touch Technology Inc.

  ST2226B Datasheet HTML 1Page - Silicon Touch Technology Inc. ST2226B Datasheet HTML 2Page - Silicon Touch Technology Inc. ST2226B Datasheet HTML 3Page - Silicon Touch Technology Inc. ST2226B Datasheet HTML 4Page - Silicon Touch Technology Inc. ST2226B Datasheet HTML 5Page - Silicon Touch Technology Inc. ST2226B Datasheet HTML 6Page - Silicon Touch Technology Inc. ST2226B Datasheet HTML 7Page - Silicon Touch Technology Inc. ST2226B Datasheet HTML 8Page - Silicon Touch Technology Inc. ST2226B Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
ST2226B
ST2226B
Version
:A.002
Page
:3
Pin Connection (SDIP28 / SOP28 Top View)
Pin Assignment (SDIP28 / SOP28)
Pin No.
NAME
Pin No.
NAME
1
IOUT2
15
IOUT14
2
IOUT3
16
IOUT15
3
IOUT4
17
GND
4
IOUT5
18
DOUT
5
IOUT6
19
GCLK
6
IOUT7
20
DCLK
7
IGND
21
REXT
8
IGND
22
CMD[2]
9
IOUT8
23
CMD[1]
10
IOUT9
24
CMD[0]
11
IOUT10
25
DIN
12
IOUT11
26
VDD
13
IOUT12
27
IOUT0
14
IOUT13
28
IOUT1


유사한 부품 번호 - ST2226B

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
ST2226A ETC2-ST2226A Datasheet
302Kb / 23P
   PWM-Controlled Constant Current Driver for LED Displays
More results

유사한 설명 - ST2226B

제조업체부품명데이터시트상세설명
logo
Shenzhen Luguang Electr...
LGE78M05 LUGUANG-LGE78M05 Datasheet
451Kb / 5P
   Maximum Output current
logo
SHENZHEN KOO CHIN ELECT...
78L05 KOOCHIN-78L05 Datasheet
1,004Kb / 1P
   Maximum Output current
logo
IK Semicon Co., Ltd
ILX232 IKSEMICON-ILX232 Datasheet
384Kb / 7P
   Output current 24 mA
logo
Power Mate Technology C...
FEC60-24S3P3 P-DUKE-FEC60-24S3P3 Datasheet
328Kb / 3P
   60 WATTS MAXIMUM OUTPUT POWER
logo
SHANGHAI BELLING CO., L...
BL78L05D BELLING-BL78L05D Datasheet
113Kb / 3P
   Maximum Output current - 0.1A
logo
Advanced Monolithic Sys...
AMS3120 ADMOS-AMS3120 Datasheet
409Kb / 9P
   2A maximum output current
logo
STMicroelectronics
LNBP8L STMICROELECTRONICS-LNBP8L Datasheet
423Kb / 21P
   500 mA guaranteed output current
November 2008 Rev 1
LDLN015 STMICROELECTRONICS-LDLN015 Datasheet
1Mb / 18P
   150 mA guaranteed output current
January 2015 Rev 3
LD39115J STMICROELECTRONICS-LD39115J Datasheet
429Kb / 21P
   150 mA guaranteed output current
January 2014 Rev 6
logo
MicroPower Direct, LLC
LDF24E-10-300 MPD-LDF24E-10-300 Datasheet
341Kb / 2P
   300 - 700 mA Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com