전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL431QDBVR 데이터시트(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 TL431QDBVR
상세설명  ADJUSTABLE PRECISION SHUNT REGULATORS
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TL431QDBVR 데이터시트(HTML) 11 Page - Texas Instruments

Back Button TL431QDBVR Datasheet HTML 7Page - Texas Instruments TL431QDBVR Datasheet HTML 8Page - Texas Instruments TL431QDBVR Datasheet HTML 9Page - Texas Instruments TL431QDBVR Datasheet HTML 10Page - Texas Instruments TL431QDBVR Datasheet HTML 11Page - Texas Instruments TL431QDBVR Datasheet HTML 12Page - Texas Instruments TL431QDBVR Datasheet HTML 13Page - Texas Instruments TL431QDBVR Datasheet HTML 14Page - Texas Instruments TL431QDBVR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
TL431, TL431A, TL431B, TL432, TL432A, TL432B
ADJUSTABLE PRECISION SHUNT REGULATORS
SLVS543A – AUGUST 2004 − REVISED AUGUST 2004
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating conditions, TA = 25°C (unless otherwise
noted)
PARAMETER
TEST
TEST CONDITIONS
TL431I, TL432I
UNIT
PARAMETER
TEST
CIRCUIT
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Vref
Reference voltage
2
VKA = Vref,
IKA = 10 mA
2440
2495
2550
mV
VI(dev)
Deviation of reference voltage
over full temperature range
2
VKA = Vref,
IKA = 10 mA,
SOT23-3 and TL432
devices
14
34
mV
VI(dev) over full temperature range
(see Figure 1)
2
IKA = 10 mA,
TA = −40°C to 85°C All other devices
5
50
mV
DV
ref
Ratio of change in reference voltage
3
IKA = 10 mA
∆VKA = 10 V − Vref
−1.4
−2.7
mV
DV
ref
DV
KA
Ratio of change in reference voltage
to the change in cathode voltage
3
IKA = 10 mA
∆VKA = 36 V − 10 V
−1
−2
mV
V
Iref
Reference current
3
IKA = 10 mA, R1 = 10 kΩ, R2 = ∞
2
4
µA
II(dev)
Deviation of reference current
over full temperature range
(see Figure 1)
3
IKA = 10 mA, R1 = 10 kΩ, R2 = ∞,
TA = −40°C to 85°C
0.8
2.5
µA
Imin
Minimum cathode current for
regulation
2
VKA = Vref
0.4
1
mA
Ioff
Off-state cathode current
4
VKA = 36 V,
Vref = 0
0.1
1
µA
|zKA|
Dynamic impedance (see Figure 1)
2
IKA = 1 mA to 100 mA, VKA = Vref,
f
≤ 1 kHz
0.2
0.5
electrical characteristics over recommended operating conditions, TA = 25°C (unless otherwise
noted)
PARAMETER
TEST
TEST CONDITIONS
TL431Q, TL432Q
UNIT
PARAMETER
TEST
CIRCUIT
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Vref
Reference voltage
2
VKA = Vref,
IKA = 10 mA
2440
2495
2550
mV
VI(dev)
Deviation of reference voltage
over full temperature range
(see Figure 1)
2
VKA = Vref, IKA = 10 mA,
TA = −40°C to 125°C
14
34
mV
DV
ref
Ratio of change in reference voltage
3
IKA = 10 mA
∆VKA = 10 V − Vref
−1.4
−2.7
mV
DV
ref
DV
KA
Ratio of change in reference voltage
to the change in cathode voltage
3
IKA = 10 mA
∆VKA = 36 V − 10 V
−1
−2
mV
V
Iref
Reference current
3
IKA = 10 mA, R1 = 10 kΩ, R2 = ∞
2
4
µA
II(dev)
Deviation of reference current
over full temperature range
(see Figure 1)
3
IKA = 10 mA, R1 = 10 kΩ, R2 = ∞,
TA = −40°C to 125°C
0.8
2.5
µA
Imin
Minimum cathode current for
regulation
2
VKA = Vref
0.4
1
mA
Ioff
Off-state cathode current
4
VKA = 36 V,
Vref = 0
0.1
1
µA
|zKA|
Dynamic impedance (see Figure 1)
2
IKA = 1 mA to 100 mA, VKA = Vref,
f
≤ 1 kHz
0.2
0.5


유사한 부품 번호 - TL431QDBVR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL431QDBVR TI-TL431QDBVR Datasheet
795Kb / 41P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
TL431QDBVR TI1-TL431QDBVR Datasheet
2Mb / 77P
[Old version datasheet]   Precision Programmable Reference
TL431QDBVR TI-TL431QDBVR Datasheet
1Mb / 61P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
TL431QDBVR TI1-TL431QDBVR Datasheet
2Mb / 82P
[Old version datasheet]   Precision Programmable Reference
TL431QDBVR TI-TL431QDBVR Datasheet
1Mb / 56P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
More results

유사한 설명 - TL431QDBVR

제조업체부품명데이터시트상세설명
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
   Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
   Adjustable Precision Shunt Regulators
logo
List of Unclassifed Man...
431L ETC-431L Datasheet
92Kb / 3P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Bookly Micro electronic
BM431 BOOKLY-BM431 Datasheet
171Kb / 10P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431SKA3 CYSTEKEC-TL431SKA3 Datasheet
453Kb / 9P
   Adjustable Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AS431 BCDSEMI-AS431 Datasheet
159Kb / 17P
   ADJUSTABLE PRECISION SHUNT REGULATORS
AZ431-A BCDSEMI-AZ431-A Datasheet
185Kb / 2P
   ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com