전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N1598 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 2N1598
상세설명  SILICON THYRISTOR(low-current silicon controlled rectifiers in a three-lead package ideal for printed-circuit)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

2N1598 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  2N1598 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2N1598 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
COMSET SEMICONDUCTORS
1/2
2N1595 thru 2N1599
SILICON THYRISTOR
Industrial-type, low-current silicon controlled rectifiers
in a three-lead package ideal for printed-circuit applications.
Current handling capability of 1.6 amperes at junction temperetures to 125°C
MAXIMUM RATINGS (*)
TJ=125°C unless otherwise noted
Symbol
Ratings
2N1595
2N1596
2N1597
2N1598
2N1599
VRSM(REP)
Peak reverse blocking voltage *
50
100
200
300
400
V
IT(RMS)
Forward Current RMS (all conduction
angles)
1.6
Amp
ITSM
Peak Surge Current
(One Cycle, 60Hz, TJ=-65 to +125°C)
15
Amp
PGM
Peak Gate Power – Forward
0.1
W
PG(AV)
Average Gate Power - Forward
0.01
W
IGM
Peak Gate Current – Forward
0.1
Amp
VGFM
Peak Gate Voltage - Forward
10
V
VGRM
Peak Gate Voltage - Reverse
10
V
TJ
Operating
Junction
Temperature
Range
-65 to +125
TSTG
Storage Temperature Range
-65 to +150
°C
ELECTRICAL CHARACTERISTICS
TJ=25°C unless otherwise noted, RGK=1000
Symbol
Ratings
2N1595
2N1596
2N1597
2N1598
2N1599
VDRM
Peak Forward Blocking
Voltage *
Min :
50
100
200
300
400
V
IRRM
Peak Reverse Blocking Current
(Rated
VDRM, TJ =125°C)
Max : 1.0
mA


유사한 부품 번호 - 2N1598

제조업체부품명데이터시트상세설명
logo
Comset Semiconductor
2N1598 COMSET-2N1598 Datasheet
100Kb / 2P
   SILICON THYRISTOR
logo
New Jersey Semi-Conduct...
2N1598 NJSEMI-2N1598 Datasheet
100Kb / 1P
   Silicon Controlled Rectifiers
logo
Digitron Semiconductors
2N1598 DIGITRON-2N1598 Datasheet
134Kb / 2P
   SILICON THYRISTOR
More results

유사한 설명 - 2N1598

제조업체부품명데이터시트상세설명
logo
First Components Intern...
KBJ400 FCI-KBJ400 Datasheet
104Kb / 2P
   4.0 Amp Single Phase Silicon Bridge Rectifiers Ideal for printed circuit board
KBJ600 FCI-KBJ600 Datasheet
145Kb / 2P
   6.0 Amps Single Phase Silicon Bridge Rectifiers Ideal for printed circuit board
logo
HY ELECTRONIC CORP.
GBU2006F HY-GBU2006F Datasheet
39Kb / 2P
   Ideal for printed circuit board
GBJ2006F HY-GBJ2006F Datasheet
49Kb / 2P
   Ideal for printed circuit board
GBU406L HY-GBU406L Datasheet
50Kb / 2P
   Ideal for printed circuit board
GBU606F HY-GBU606F Datasheet
47Kb / 2P
   Ideal for printed circuit board
logo
Kingtronics Internation...
KBPC35005W KINGTRONICS-KBPC35005W Datasheet
391Kb / 2P
   Ideal for printed circuit board
logo
GeneSiC Semiconductor, ...
KBU1010 GENESIC-KBU1010 Datasheet
299Kb / 3P
   Ideal for printed circuit boards
DB107G GENESIC-DB107G Datasheet
311Kb / 3P
   Ideal for printed circuit board
logo
HY ELECTRONIC CORP.
GBJ806F HY-GBJ806F Datasheet
47Kb / 2P
   Ideal for printed circuit board
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com