전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL-PP702 데이터시트(PDF) 6 Page - Omron Electronics LLC

부품명 TL-PP702
상세설명  Flat Proximity Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OMRON [Omron Electronics LLC]
홈페이지  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

TL-PP702 데이터시트(HTML) 6 Page - Omron Electronics LLC

  TL-PP702 Datasheet HTML 1Page - Omron Electronics LLC TL-PP702 Datasheet HTML 2Page - Omron Electronics LLC TL-PP702 Datasheet HTML 3Page - Omron Electronics LLC TL-PP702 Datasheet HTML 4Page - Omron Electronics LLC TL-PP702 Datasheet HTML 5Page - Omron Electronics LLC TL-PP702 Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
OMRON ON-LINE
Global - http://www.omron.com
USA - http://www.components.omron.com
Cat. No.
TL-PP702(E)R03a
Printed in USA
OMRON ELECTRONIC
COMPONENTS LLC
847-882-2288
11/14
Specifications subject to change without notice
All sales are subject to Omron Electronic Components LLC standard terms and conditions of sale, which
can be found at http://www.components.omron.com/components/web/webfiles.nsf/sales_terms.html
ALL DIMENSIONS SHOWN ARE IN MILLIMETERS.
To convert millimeters into inches, multiply by 0.03937. To convert grams into ounces, multiply by 0.03527.


유사한 부품 번호 - TL-PP702

제조업체부품명데이터시트상세설명
logo
Huber+Suhner, Inc.
TL-P-11N-11N-00400-51 HUBERSUHNER-TL-P-11N-11N-00400-51 Datasheet
5Mb / 2P
   LOW PIM TEST ASSEMBLIES, N (male), N (male), 50 Ohm, 4 GHz, 400mm
TL-P-11N-11N-00500-51 HUBERSUHNER-TL-P-11N-11N-00500-51 Datasheet
5Mb / 2P
   LOW PIM TEST ASSEMBLIES, N (male), N (male), 50 Ohm, 4 GHz, 500mm
TL-P-11N-11N-00600-51 HUBERSUHNER-TL-P-11N-11N-00600-51 Datasheet
5Mb / 2P
   LOW PIM TEST ASSEMBLIES, N (male), N (male), 50 Ohm, 4 GHz, 600mm
TL-P-11N-11N-00800-51 HUBERSUHNER-TL-P-11N-11N-00800-51 Datasheet
5Mb / 2P
   LOW PIM TEST ASSEMBLIES, N (male), N (male), 50 Ohm, 4 GHz, 800mm
TL-P-11N-11N-01000-51 HUBERSUHNER-TL-P-11N-11N-01000-51 Datasheet
5Mb / 2P
   LOW PIM TEST ASSEMBLIES, N (male), N (male), 50 Ohm, 4 GHz, 1000mm
More results

유사한 설명 - TL-PP702

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
TCA305 SIEMENS-TCA305 Datasheet
112Kb / 7P
   Proximity Switch
logo
Festo Corporation.
8117066 FESTO-8117066 Datasheet
74Kb / 1P
   Proximity switch
logo
Siemens Semiconductor G...
TCA205 SIEMENS-TCA205 Datasheet
176Kb / 6P
   Proximity Switch
TCA305 SIEMENS-TCA305_05 Datasheet
593Kb / 7P
   Proximity Switch
logo
Festo Corporation.
8117065 FESTO-8117065 Datasheet
74Kb / 1P
   Proximity switch
8150171 FESTO-8150171 Datasheet
85Kb / 2P
   Proximity switch
7/11/22
8152201 FESTO-8152201 Datasheet
95Kb / 2P
   Proximity switch
1/21/22
8150174 FESTO-8150174 Datasheet
87Kb / 2P
   Proximity switch
7/11/22
8138000 FESTO-8138000 Datasheet
85Kb / 2P
   Proximity switch
8117063 FESTO-8117063 Datasheet
74Kb / 1P
   Proximity switch
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com