전자부품 데이터시트 검색엔진 |
|
AD402M166RSB-5 데이터시트(PDF) 11 Page - List of Unclassifed Manufacturers |
|
AD402M166RSB-5 데이터시트(HTML) 11 Page - List of Unclassifed Manufacturers |
11 / 28 page Rev.1 Page 11 Read Cycle Write Cycle Parameter Symbol AD404M42V Unit Notes -5 -6 Min Max Min Max Access time from RAS tRAC - 50 - 60 ns 12 Access time from CAS tCAC - 14 - 15 ns 13, 14 Access time from column address tAA - 25 - 30 ns 14, 15 Access time from OE tOEA - 12 - 15 ns Read command setup time tRCS 0 - 0 - ns 7 Read command hold time to CAS tRCH 0 - 0 - ns 10, 16 Read command hold time to RAS tRRH 0 - 0 - ns 16 Output buffer turn-off time tOFF 0 12 0 15 ns 17 Output buffer turn-off time from OE tOEZ 0 12 0 15 ns 17 Parameter Symbol AD404M42V Unit Notes -5 -6 Min Max Min Max Write command setup time tWCS 0 - 0 - ns 7, 18 Write command hold time tWCH 8 - 10 - ns Write command pulse width tWP 8 - 10 - ns Write command to RAS lead time tRWL 13 - 15 - ns Write command to CAS lead time tCWL 8 - 10 - ns Data-in setup time tDS 0 - 0 - ns 19 Data-in hold time tDH 8 - 10 - ns 19 WE to Data-in delay tWED 10 - 10 - ns |
유사한 부품 번호 - AD402M166RSB-5 |
|
유사한 설명 - AD402M166RSB-5 |