전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK3147L 데이터시트(PDF) 5 Page - Renesas Technology Corp

부품명 2SK3147L
상세설명  High Speed Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK3147L 데이터시트(HTML) 5 Page - Renesas Technology Corp

  2SK3147L_15 Datasheet HTML 1Page - Renesas Technology Corp 2SK3147L_15 Datasheet HTML 2Page - Renesas Technology Corp 2SK3147L_15 Datasheet HTML 3Page - Renesas Technology Corp 2SK3147L_15 Datasheet HTML 4Page - Renesas Technology Corp 2SK3147L_15 Datasheet HTML 5Page - Renesas Technology Corp 2SK3147L_15 Datasheet HTML 6Page - Renesas Technology Corp 2SK3147L_15 Datasheet HTML 7Page - Renesas Technology Corp 2SK3147L_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
RJK1590DP3-A0
R07DS1255EJ0100
Rev.1.00
Page 5 of 7
Mar 30, 2015
Waveform
1.5
–25
0
25
50
75
100 125 150
0
0.5
1.0
VDS = 10 V
Pulse Test
Case Temperature
Tc (°C)
Gate to Source Cutoff Voltage
vs. Case Temperature (Typical)
0.1 mA
ID = 10 mA
Pulse Width PW (s)
Normalized Transient Thermal Impedance vs. Pulse Width
tr
td(on)
Vin
90%
90%
10%
10%
Vout
td(off)
90%
10%
tf
Switching Time Test Circuit
Vin Monitor
D.U.T.
Vin
4 V
50
Ω
RL
Vout
Monitor
1 mA
VDD
= 30 V
0.3
0.1
0.03
0.01
3
1
10
μ
100
μ
1 m
10 m
100 m
1
1000
100
10
DM
P
PW
T
D =
PW
T
θch – a(t) = γs (t) • θch – a
θch – a = 120°C/W, Ta = 25°C
D = 1
0.5
0.2
0.1
0.05
0.02
0.01
1shot
pulse


유사한 부품 번호 - 2SK3147L_15

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
2SK3147L-E RENESAS-2SK3147L-E Datasheet
94Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
More results

유사한 설명 - 2SK3147L_15

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SK579 HITACHI-2SK579 Datasheet
49Kb / 1P
   HIGH SPEED POWER SWITCHING
2SK2424 HITACHI-2SK2424 Datasheet
13Kb / 2P
   High speed power switching
2SK415 HITACHI-2SK415 Datasheet
56Kb / 1P
   HIGH SPEED POWER SWITCHING
2SK549 HITACHI-2SK549 Datasheet
46Kb / 1P
   HIGH SPEED POWER SWITCHING
logo
Renesas Technology Corp
2SK2225-80-E RENESAS-2SK2225-80-E Datasheet
190Kb / 7P
   High Speed Power Switching
logo
Inchange Semiconductor ...
2SK2115 ISC-2SK2115 Datasheet
60Kb / 2P
   High speed power switching
logo
Renesas Technology Corp
RJK4002DPD RENESAS-RJK4002DPD Datasheet
82Kb / 7P
   High Speed Power Switching
RJK6011DJE RENESAS-RJK6011DJE Datasheet
94Kb / 7P
   High Speed Power Switching
RJK1590DP3-A0 RENESAS-RJK1590DP3-A0 Datasheet
246Kb / 8P
   High Speed Power Switching
logo
Hitachi Semiconductor
2SK429L HITACHI-2SK429L Datasheet
48Kb / 1P
   HIGH SPEED POWER SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com