전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KIA0001C 데이터시트(PDF) 2 Page - KODENSHI_AUK CORP.

부품명 KIA0001C
상세설명  Snap in mount
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KODENSHI [KODENSHI_AUK CORP.]
홈페이지  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KIA0001C 데이터시트(HTML) 2 Page - KODENSHI_AUK CORP.

  KIA0001C Datasheet HTML 1Page - KODENSHI_AUK CORP. KIA0001C Datasheet HTML 2Page - KODENSHI_AUK CORP. KIA0001C Datasheet HTML 3Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rev. date: 21-JAN-11
KSD-XXXXXX-000
KIA0001C
The contents of this data sheet are subject to change without advance notice for the purpose of improvement.
When using this product, would you please refer to the latest specifications.
Electrical Characteristics (Ta=25℃)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Supply Voltage
VCC
-
4.5
-
5.5
V
Low Level Output Voltage
VOL
VCC=5V, IOL = 16mA
(Non - Shading)
-
0.3
0.4
V
High Level Output Voltage
VOH
VCC=5V, RL = 10 ㏀
(Shading)
4.5
-
-
V
Low Level Output Current
ICCL
VCC=5V (Non - Shading)
-
20
35
mA
High Level Output Current
ICCH
VCC=5V (Shading)
-
20
35
mA
Frequency
F
VCC = 5V, RL=10kΩ
3000
-
-
Hz


유사한 부품 번호 - KIA0001C

제조업체부품명데이터시트상세설명
logo
KODENSHI_AUK CORP.
KIA0002C KODENSHI-KIA0002C Datasheet
216Kb / 4P
   Photo Interrupter
KIA0005C KODENSHI-KIA0005C Datasheet
217Kb / 4P
   Photo Interrupter
More results

유사한 설명 - KIA0001C

제조업체부품명데이터시트상세설명
logo
Illinois Capacitor, Inc...
107LMX400M2CC ILLINOISCAPACITOR-107LMX400M2CC Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
107LMX450M2CE ILLINOISCAPACITOR-107LMX450M2CE Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
127LMB400M2BF ILLINOISCAPACITOR-127LMB400M2BF Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
826LMH450MZBD ILLINOISCAPACITOR-826LMH450MZBD Datasheet
108Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA400M2CD ILLINOISCAPACITOR-157LBA400M2CD Datasheet
129Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA450M2BF ILLINOISCAPACITOR-157LBA450M2BF Datasheet
127Kb / 1P
   SNAP-IN / SNAP MOUNT
157LMB450M2BG ILLINOISCAPACITOR-157LMB450M2BG Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBA350M2BD ILLINOISCAPACITOR-187LBA350M2BD Datasheet
104Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBA400M2CD ILLINOISCAPACITOR-187LBA400M2CD Datasheet
104Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBB350M2CD ILLINOISCAPACITOR-187LBB350M2CD Datasheet
107Kb / 1P
   SNAP-IN / SNAP MOUNT
187LMH350MZBD ILLINOISCAPACITOR-187LMH350MZBD Datasheet
132Kb / 1P
   SNAP-IN / SNAP MOUNT
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com