전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PD2-113-57-SE-485 데이터시트(PDF) 10 Page - TRINAMIC Motion Control GmbH & Co. KG.

부품명 PD2-113-57-SE-485
상세설명  MECHATRONIC DRIVES WITH STEPPER MOTOR
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
홈페이지  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

PD2-113-57-SE-485 데이터시트(HTML) 10 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button PD2-113-57-SE-485 Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. PD2-113-57-SE-485 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. PD2-113-57-SE-485 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. PD2-113-57-SE-485 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. PD2-113-57-SE-485 Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. PD2-113-57-SE-485 Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. PD2-113-57-SE-485 Datasheet HTML 12Page - TRINAMIC Motion Control GmbH & Co. KG. PD2-113-57-SE-485 Datasheet HTML 13Page - TRINAMIC Motion Control GmbH & Co. KG. PD2-113-57-SE-485 Datasheet HTML 14Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
PD-113-57/60-SE / TMCM-113-60-SE Hardware Manual (V1.52 / 2011-DEC-06)
10
Copyright © 2011, TRINAMIC Motion Control GmbH & Co. KG
4.5 Connectors
The TMCM-113-60-SE has four connectors, a 2-pin connector for power supply, a 4-pin serial communication
interface connector, an 8-pin input/output connector and a 4-pin motor connector (used to connect the attached
motor).
STOPL
STOPR
GND
VDD
GPO_0
GPO_1
IN_0
IN_1
Left reference switch input
Right reference switch input
Supply and signal ground
Power supply output
General purpose output 0
General purpose output 1
General purpose input 0
General purpose input 1
1
2
3
4
5
6
7
8
GND
RS232_ RxD or RS485 A / RS485+
GND
Supply and signal ground
Supply and system ground
1
2
3
4
VDD
GND
Power supply input
Supply and system ground
2
1
RS232_ TxD or RS485 B / RS485-
B-
B+
A-
A+
Motor coil B
Motor coil B
Motor coil A
Motor coil A
4
3
2
1
Figure 4.4: TMCM-113-60-SE connectors
The following table shows which connector types and their mating connectors are used.
Domain
Connector type
Mating connector type
Power
Molex 22-27-2021, type 6410, 2.54mm KK
header, square pin
Molex, 22-01-2025, type 6471, 2.54mm KK female
connector; crimp contacts Molex 08-50-0032
Motor
MOLEX 22-05-7048 type 7395, 2.54 mm
KK header
MOLEX 22-01-2045, type 6471, 2.54mm KK, female
connector; crimp contacts Molex 08-50-0032
RS232/RS485
JST B4B-PH-K, 2.0mm header for crimp
connection with top entry
JST PHR-4, 2.0mm, female crimp connector; crimp
contacts JST BPH-002T-P0.5S
I/Os and
switches
JST B8B-PH-K, 2.0mm header for crimp
connection with top entry
JST PHR-4, 2.0mm, female crimp connector; crimp
contacts JST BPH-002T-P0.5S
Table 4.3: Connectors and mating connectors


유사한 부품 번호 - PD2-113-57-SE-485

제조업체부품명데이터시트상세설명
logo
TRINAMIC Motion Control...
PD2-113-57-SE TRINAMIC-PD2-113-57-SE Datasheet
87Kb / 1P
   57mm/NEMA23 or 60mm/NEMA24 Stepper Motor with Controller/Driver with Encoder and Serial Interface
More results

유사한 설명 - PD2-113-57-SE-485

제조업체부품명데이터시트상세설명
logo
TRINAMIC Motion Control...
TMCM-1060 TRINAMIC-TMCM-1060 Datasheet
1Mb / 34P
   MECHATRONIC DRIVE WITH STEPPER MOTOR
TMCM-1180 TRINAMIC-TMCM-1180 Datasheet
781Kb / 27P
   MECHATRONIC DRIVE WITH STEPPER MOTOR
logo
Infineon Technologies A...
FF225R12ME4P INFINEON-FF225R12ME4P Datasheet
588Kb / 9P
   Motor drives
V3.0 2017-04-04
logo
Aeroflex Circuit Techno...
PN16283 AEROFLEX-PN16283 Datasheet
158Kb / 1P
   Stepper Motor with Gearhead
PN16401 AEROFLEX-PN16401 Datasheet
202Kb / 1P
   Stepper Motor with Gearhead
logo
TRINAMIC Motion Control...
PD-1140 TRINAMIC-PD-1140 Datasheet
778Kb / 26P
   Stepper Motor with Controller
PD-1021 TRINAMIC-PD-1021 Datasheet
758Kb / 21P
   Stepper Motor with Controller
PD-1161 TRINAMIC-PD-1161 Datasheet
366Kb / 1P
   Stepper Motor with Controller
logo
Aeroflex Circuit Techno...
PN16250 AEROFLEX-PN16250 Datasheet
152Kb / 1P
   Stepper Motor with Gearhead
logo
TRINAMIC Motion Control...
PD-1141 TRINAMIC-PD-1141 Datasheet
393Kb / 1P
   Stepper Motor with Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com