전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK12C68-L25M 데이터시트(PDF) 10 Page - List of Unclassifed Manufacturers

부품명 STK12C68-L25M
상세설명  8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

STK12C68-L25M 데이터시트(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button STK12C68-L25M Datasheet HTML 5Page - List of Unclassifed Manufacturers STK12C68-L25M Datasheet HTML 6Page - List of Unclassifed Manufacturers STK12C68-L25M Datasheet HTML 7Page - List of Unclassifed Manufacturers STK12C68-L25M Datasheet HTML 8Page - List of Unclassifed Manufacturers STK12C68-L25M Datasheet HTML 9Page - List of Unclassifed Manufacturers STK12C68-L25M Datasheet HTML 10Page - List of Unclassifed Manufacturers STK12C68-L25M Datasheet HTML 11Page - List of Unclassifed Manufacturers STK12C68-L25M Datasheet HTML 12Page - List of Unclassifed Manufacturers STK12C68-L25M Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
STK12C68
October 2003
10
Document Control # ML0008 rev 0.4
HSB OPERATION
The STK12C68 provides the HSB pin for controlling
and acknowledging the STORE operations. The HSB
pin is used to request a hardware STORE cycle.
When the HSB pin is driven low, the STK12C68 will
conditionally initiate a STORE operation after t
DELAY;
an actual STORE cycle will only begin if a WRITE to
the SRAM took place since the last STORE or
RECALL
cycle. The HSB pin acts as an open drain
driver that is internally driven low to indicate a busy
condition while the STORE (initiated by any means)
is in progress.
SRAM READ
and WRITE operations that are in
progress when HSB is driven low by any means are
given time to complete before the STORE operation
is initiated. After HSB goes low, the STK12C68 will
continue SRAM operations for t
DELAY. During tDELAY,
multiple SRAM READ operations may take place. If a
WRITE
is in progress when HSB is pulled low it will
be allowed a time, t
DELAY, to complete. However, any
SRAM WRITE
cycles requested after HSB goes low
will be inhibited until HSB returns high.
The HSB pin can be used to synchronize multiple
STK12C68s while using a single larger capacitor. To
operate in this mode the HSB pin should be con-
nected together to the HSB pins from the other
STK12C68s. An external pull-up resistor to + 5V is
required since HSB acts as an open drain pull down.
The V
CAP pins from the other STK12C68 parts can
be tied together and share a single capacitor. The
capacitor size must be scaled by the number of
devices connected to it. When any one of the
STK12C68s detects a power loss and asserts HSB,
the common HSB pin will cause all parts to request
a STORE cycle (a STORE will take place in those
STK12C68s that have been written since the last
nonvolatile cycle).
During any STORE operation, regardless of how it
was initiated, the STK12C68 will continue to drive
the HSB pin low, releasing it only when the STORE is
complete. Upon completion of the STORE operation
the STK12C68 will remain disabled until the HSB
pin returns high.
If HSB is not used, it should be left unconnected.
PREVENTING STORES
The STORE function can be disabled on the fly by
holding HSB high with a driver capable of sourcing
30mA at a V
OH of at least 2.2V, as it will have to
overpower the internal pull-down device that drives
HSB low for 20
µs at the onset of a STORE. When
the STK12C68 is connected for AutoStore™ opera-
tion (system V
CC connected to VCCX and a 68µF
capacitor on V
CAP) and VCC crosses VSWITCH on the
way down, the STK12C68 will attempt to pull HSB
low; if HSB doesn’t actually get below V
IL, the part
will stop trying to pull HSB low and abort the STORE
attempt.
HARDWARE PROTECT
The STK12C68 offers hardware protection against
inadvertent STORE operation and SRAM WRITEs dur-
ing low-voltage conditions. When V
CAP < VSWITCH, all
externally initiated STORE operations and SRAM
WRITE
s are inhibited.
AutoStore™ can be completely disabled by tying
V
CCX to ground and applying + 5V to VCAP . This is the
AutoStore™ Inhibit mode; in this mode, STOREs are
only initiated by explicit request using either the soft-
ware sequence or the HSB pin.
LOW AVERAGE ACTIVE POWER
The STK12C68 draws significantly less current
when it is cycled at times longer than 50ns. Figure 5
shows the relationship between I
CC and READ cycle
time. Worst-case current consumption is shown for
both CMOS and TTL input levels (commercial tem-
perature range, V
CC = 5.5V, 100% duty cycle on chip
enable). Figure 6 shows the same relationship for
WRITE
cycles. If the chip enable duty cycle is less
than 100%, only standby current is drawn when the
chip is disabled. The overall average current drawn
by the STK12C68 depends on the following items:
1) CMOS vs. TTL input levels; 2) the duty cycle of
chip enable; 3) the overall cycle rate for accesses;
4) the ratio of READs to WRITEs; 5) the operating
temperature; 6) the Vcc level; and 7) I/O loading.


유사한 부품 번호 - STK12C68-L25M

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
STK12C68-L25IM ETC1-STK12C68-L25IM Datasheet
64Kb / 10P
   CMOS nvSRAM 8K x 8 AutoStore Nonvolatile Static RAM Industrial Temperature/Military Screen
More results

유사한 설명 - STK12C68-L25M

제조업체부품명데이터시트상세설명
logo
Simtek Corporation
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK22C48 ETC1-STK22C48 Datasheet
297Kb / 11P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK11C68 ETC-STK11C68 Datasheet
58Kb / 10P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK16C68 ETC1-STK16C68 Datasheet
100Kb / 9P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK16C68 SIMTEK-STK16C68 Datasheet
380Kb / 10P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68-C20 ETC-STK12C68-C20 Datasheet
125Kb / 12P
   8k x 8 AUTOSTORE NVSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com