전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAS15-NP 데이터시트(PDF) 11 Page - LEM

부품명 CAS15-NP
상세설명  Current Transducer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEM [LEM]
홈페이지  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

CAS15-NP 데이터시트(HTML) 11 Page - LEM

Back Button CAS15-NP Datasheet HTML 7Page - LEM CAS15-NP Datasheet HTML 8Page - LEM CAS15-NP Datasheet HTML 9Page - LEM CAS15-NP Datasheet HTML 10Page - LEM CAS15-NP Datasheet HTML 11Page - LEM CAS15-NP Datasheet HTML 12Page - LEM CAS15-NP Datasheet HTML 13Page - LEM CAS15-NP Datasheet HTML 14Page - LEM CAS15-NP Datasheet HTML 15Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Page 11/16
8March2012/version 7
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
CAS series
Maximum continuous DC primary current
Figure 25:
I
P vs TA for CAS 6-NP
Figure 26:
I
P vs TA for CAS 15-NP
Figure 27:
I
P vs TA for CAS 25-NP
Figure 28:
I
P vs TA for CAS 50-NP
The maximum continuous DC primary current plot shows the boundary of the area for which all the following conditions are
true:
-
I
P < IPM
- Junction temperature Tj < 125 °C
- Primary conductor temperature < 110 °C
- Resistor power dissipation < 0.5 x rated power
Frequency derating
Figure 29: Maximum RMS AC primary current / maximum DC primary current vs frequency
CAS 6-NP
0
5
10
15
20
25
30
35
40
0
20
40
60
80
100 120
TA (°C)
CAS 15-NP
0
10
20
30
40
50
60
70
80
90
0
20
40
60
80
100 120
TA (°C)
CAS 25-NP
0
10
20
30
40
50
60
70
80
90
0
20
40
60
80
100 120
TA (°C)
CAS 50-NP
0
20
40
60
80
100
120
140
160
0
20
40
60
80
100 120
TA (°C)
AC Derating
10
100
1M
1k
10k
100k
0
0.25
0.5
0.75
1
1.25
f (Hz)


유사한 부품 번호 - CAS15-NP

제조업체부품명데이터시트상세설명
logo
Switchcraft, Inc.
CAS1007984 SWITCH-CAS1007984 Datasheet
244Kb / 2P
   CABLE ASSEMBLY - MOLDED STRAIGHT POWER PLUGS, RoHS
logo
Cree, Inc
CAS100H12AM1 CREE-CAS100H12AM1 Datasheet
740Kb / 7P
   1200V, 100A Silicon Carbide Half-Bridge Module
logo
Molex Electronics Ltd.
CAS100H12AM1 MOLEX-CAS100H12AM1_13 Datasheet
859Kb / 11P
   1200V, 100A Silicon Carbide Half-Bridge Module
logo
Sumida Corporation
CAS10D25 SUMIDA-CAS10D25 Datasheet
118Kb / 2P
   LF Receiver Antenna
CAS10D25-103 SUMIDA-CAS10D25-103 Datasheet
118Kb / 2P
   LF Receiver Antenna
More results

유사한 설명 - CAS15-NP

제조업체부품명데이터시트상세설명
logo
LEM
HO50-S LEM-HO50-S Datasheet
1Mb / 14P
   Current Transducer
HO60-P LEM-HO60-P Datasheet
1Mb / 15P
   Current Transducer
HO-NP-0000 LEM-HO-NP-0000 Datasheet
2Mb / 16P
   Current Transducer
HXS20-NP-SP2 LEM-HXS20-NP-SP2 Datasheet
757Kb / 3P
   Current Transducer
LA55-P LEM-LA55-P_09 Datasheet
515Kb / 3P
   Current Transducer
LA150-TP LEM-LA150-TP Datasheet
243Kb / 3P
   Current Transducer
LTS15-NP LEM-LTS15-NP_11 Datasheet
471Kb / 3P
   Current Transducer
HO-NP LEM-HO-NP Datasheet
929Kb / 12P
   Current Transducer
HX03-P LEM-HX03-P_11 Datasheet
432Kb / 3P
   Current Transducer
HAT200-S LEM-HAT200-S_14 Datasheet
403Kb / 3P
   Current Transducer
HAX500-S LEM-HAX500-S_11 Datasheet
640Kb / 3P
   Current Transducer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com