전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMP1322-001 데이터시트(PDF) 3 Page - Skyworks Solutions Inc.

부품명 SMP1322-001
상세설명  Low Resistance, Plastic Packaged PIN Diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SKYWORKS [Skyworks Solutions Inc.]
홈페이지  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMP1322-001 데이터시트(HTML) 3 Page - Skyworks Solutions Inc.

  SMP1322-001 Datasheet HTML 1Page - Skyworks Solutions Inc. SMP1322-001 Datasheet HTML 2Page - Skyworks Solutions Inc. SMP1322-001 Datasheet HTML 3Page - Skyworks Solutions Inc. SMP1322-001 Datasheet HTML 4Page - Skyworks Solutions Inc. SMP1322-001 Datasheet HTML 5Page - Skyworks Solutions Inc. SMP1322-001 Datasheet HTML 6Page - Skyworks Solutions Inc. SMP1322-001 Datasheet HTML 7Page - Skyworks Solutions Inc. SMP1322-001 Datasheet HTML 8Page - Skyworks Solutions Inc. SMP1322-001 Datasheet HTML 9Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DATA SHEET • SMP1322 SERIES DIODES
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200049S • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • August 6, 2015
3
Table 3. SMP1322 Series Electrical Specifications (Note 1)
(TA = +25
C, Unless Otherwise Noted)
Parameter
Symbol
Test Condition
Min
Typical
Max
Units
Reverse current
IR
VR = 50 V
10
μA
Capacitance
CT
F = 1 MHz, V = 30 V
1
pF
Resistance
RS
F = 100 MHz
I = 1 mA
I = 10 mA
0.5
1.5
Ω
Ω
Forward voltage
VF
IF = 10 mA
0.85
V
Carrier lifetime
TI
IF = 10 mA
0.4
μs
I region width
8
μm
Note 1: Performance is guaranteed only under the conditions listed in this table.
CAUTION: Although this device is designed to be as robust as possible, electrostatic discharge (ESD) can damage this device. This device
must be protected at all times from ESD. Static charges may easily produce potentials of several kilovolts on the human body
or equipment, which can discharge without detection. Industry-standard ESD precautions should be used at all times.
Package and Handling Information
Instructions on the shipping container label regarding exposure to
moisture after the container seal is broken must be followed.
Otherwise, problems related to moisture absorption may occur
when the part is subjected to high temperature during solder
assembly.
The SMP1322 series is rated to Moisture Sensitivity Level 1
(MSL1) at 260
C. It can be used for lead or lead-free soldering.
For additional information, refer to the Skyworks Application Note,
Solder Reflow Information, document number 200164.
Care must be taken when attaching this product, whether it is
done manually or in a production solder reflow environment.
Production quantities of this product are shipped in a standard
tape and reel format.
Table 4. Resistance vs Temperature @ 500 MHz
IF
(mA)
RS @ –55
°C
(
Ω)
RS @ –15
°C
(
Ω)
RS @ +25
°C
(
Ω)
RS @ +65
°C
(
Ω)
RS @ +100
°C
(
Ω)
0.02
9.5
9.4
9.9
10.5
10.9
0.10
3.0
3.0
3.0
3.3
3.5
0.30
1.5
1.5
1.5
1.6
1.8
0.50
1.1
1.1
1.2
1.2
1.4
1.0
0.922
0.914
0.902
0.963
1.100
10
0.568
0.559
0.533
0.563
0.655
20
0.532
0.520
0.494
0.521
0.610
100
0.483
0.469
0.440
0.464
0.565


유사한 부품 번호 - SMP1322-001

제조업체부품명데이터시트상세설명
logo
Alpha Industries
SMP1322-001 ALPHA-SMP1322-001 Datasheet
493Kb / 4P
   Low Resistance Plastic Packaged PIN Diodes
More results

유사한 설명 - SMP1322-001

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SMP1322 SKYWORKS-SMP1322 Datasheet
376Kb / 6P
   Low Resistance, Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1322 ALPHA-SMP1322 Datasheet
493Kb / 4P
   Low Resistance Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1320 SKYWORKS-SMP1320_15 Datasheet
842Kb / 9P
   Low Resistance, Low Capacitance, Plastic Packaged PIN Diodes
logo
Alpha Industries
SOT-23-1 ALPHA-SOT-23-1 Datasheet
483Kb / 3P
   Low Resistance Low Capacitance Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1320 SKYWORKS-SMP1320 Datasheet
393Kb / 5P
   Low Resistance, Low Capacitance, Plastic Packaged PIN Diodes
SMPA1320-079LF SKYWORKS-SMPA1320-079LF Datasheet
570Kb / 5P
   Low Resistance, Low Capacitance, Plastic Packaged PIN Diode
SMP1331 SKYWORKS-SMP1331 Datasheet
668Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
SMP1321 SKYWORKS-SMP1321_15 Datasheet
776Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
SMP1321 SKYWORKS-SMP1321 Datasheet
109Kb / 6P
   Low Capacitance Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1321 ALPHA-SMP1321 Datasheet
482Kb / 3P
   Low Capacitance Plastic Packaged PIN Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com