전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC10319 데이터시트(PDF) 10 Page - Motorola, Inc

부품명 MC10319
상세설명  High Speed8-Bit Analog-to-Digital Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC10319 데이터시트(HTML) 10 Page - Motorola, Inc

Back Button MC10319 Datasheet HTML 6Page - Motorola, Inc MC10319 Datasheet HTML 7Page - Motorola, Inc MC10319 Datasheet HTML 8Page - Motorola, Inc MC10319 Datasheet HTML 9Page - Motorola, Inc MC10319 Datasheet HTML 10Page - Motorola, Inc MC10319 Datasheet HTML 11Page - Motorola, Inc MC10319 Datasheet HTML 12Page - Motorola, Inc MC10319 Datasheet HTML 13Page - Motorola, Inc MC10319 Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
MC10319
10
MOTOROLA ANALOG IC DEVICE DATA
APPLICATIONS INFORMATION
Power Supplies, Grounding
The PC board layout, and the quality of the power supplies
and the ground system at the IC are very important in order
to obtain proper operation. Noise, from any source, coming
into the device on VCC, VEE, or ground can cause an
incorrect output code due to interaction with the analog
portion of the circuit. At the same time, noise generated
within the MC10319 can cause incorrect operation if that
noise does not have a clear path to ac ground.
Both the VCC and VEE power supplies must be decoupled
to ground at the IC (within 1
I max) with a 10 µF tantalum and
a 0.1
µF ceramic. Tantalum capacitors are recommended
since electrolytic capacitors simply have too much
inductance at the frequencies of interest. The quality of the
VCC and VEE supplies should then be checked at the IC with
a high frequency scope. Noise spikes (always present when
digital circuits are present) can easily exceed 400 mV peak,
and if they get into the analog portion of the IC, the operation
can be disrupted. Noise can be reduced by inserting resistors
and/or inductors between the supplies and the IC.
If switching power supplies are used, there will usually be
spikes of 0.5 V or greater at frequencies of 50 to 200 kHz.
These spikes are generally more difficult to reduce because
of their greater energy content. In extreme cases, 3–terminal
regulators (MC78L05ACP, MC7905.2CT), with appropriate
high frequency filtering, should be used and dedicated to
the MC10319.
The ripple content of the supplies should not allow their
magnitude to exceed the values in the Recommended
Operating Limits table.
The PC board tracks supplying VCC and VEE to the
MC10319 should preferably not be at the tail end of the bus
distribution, after passing through a maze of digital circuitry.
The MC10319 should be close to the power supply, or the
connector where the supply voltages enter the board. If the
VCC and VEE lines are supplying considerable current to
other parts of the boards, then it is preferable to have
dedicated lines from the supply or connector directly to
the MC10319.
The four ground pins (2, 12, 16, and 22) must be
connected directly together. Any long path between them can
cause stability problems due to the inductance (at 25 MHz) of
the PC tracks. The ground return for the signal source must
be noise free.
Reference Voltage Circuits
Since the accuracy of the conversion is directly related to
the quality of the references, it is imperative that accurate and
stable voltages be provided to VRT and VRB. If the reference
span is 2.0 V, then 1/2 LSB is only 3.9 mV, and it is desireable
that VRT and VRB be accurate to within this amount, and
furthermore, that they do not drift more than this amount once
set. Over the temperature range of 0
° to 70°C, a maximum
temperature coefficient of 28 ppm/
°C is required.
The voltage supplies used for digital circuits should
preferably not be used as a source for generating VRT and
VRB, due to the noise spikes (50 to 400 mV) present on the
supplies and on their ground lines. Generally
± 15 V, or
±12 V, are available for analog circuits, and are usually
clean compared to supplies used for digital circuits,
although ripple may be present in varying amounts. Ripple
is easier to filter out than spikes, however, and so these
supplies are preferred.
Figure 21 depicts a circuit which can provide an
extremely stable voltage to VRT at the current required
(the maximum reference current is 19.2 mA @ 2.0 V). The
MC1403 series of reference sources has very low
temperature coefficients, good noise rejection, and a high
initial accuracy, allowing the circuit to be built without an
adjustment pot if the VRT voltage is to remain fixed at one
value. Using 0.1% wirewound resistors for the divider
provides sufficient accuracy and stability in many cases.
Alternately, resistor networks provide high ratio accuracies,
and close temperature tracking. If the application requires
VRT to be changed periodically, the two resistors can be
replaced with a 20 turn, cermet potentiometer. Wirewound
potentiometers should not be used for this type of
application since the pot’s slider jumps from winding to
winding,
and an exact setting can be difficult to obtain.
Cermet pots allow for a smooth continuous adjustment.
In Figure 21, R1 reduces the power dissipation in the
transistor, and can be carbon composition. The 0.1
µF
capacitor in the feedback path provides stability in the unity
gain configuration. Recommended op amps are: LM358,
MC34001 series, LM308A, LM324, and LM11C. Offset drift is
the key parameter to consider in choosing an op amp, and
the LM308A has the lowest drift of those mentioned. Bypass
capacitors are not shown in Figure 21, but should always be
provided at the input to the 2.5 V reference, and at the power
supply pins of the op amp.
Figure 22 shows a simpler and more economical circuit,
using the LM317LZ regulator, but with lower initial accuracy
and temperature stability. The op amp/current booster is not
needed since the LM317LZ can supply the current directly. In
a well controlled environment, this circuit will suffice for many
applications. Because of the lower initial accuracy, an
adjustment pot is a necessity.
Figure 23 shows two circuits for providing the voltage to
VRB. The circuits are similar to those of Figures 21 and 22,
and have similar accuracy and stability. The output
transistor is a PNP in this case since the circuit must sink the
reference current.


유사한 부품 번호 - MC10319

제조업체부품명데이터시트상세설명
logo
Ohmite Mfg. Co.
MC103 OHMITE-MC103 Datasheet
363Kb / 2P
   Low voltage coefficient
MC103 OHMITE-MC103 Datasheet
363Kb / 2P
   High Voltage/High Resistance Precision Thick Film Surface Mount
logo
GUANGDONG MISUN TECHNOL...
MC1030 FPE-MC1030 Datasheet
254Kb / 3P
   COMPOSITE FORMING SMDINDUCTORS
MC1030-100M1 FPE-MC1030-100M1 Datasheet
254Kb / 3P
   COMPOSITE FORMING SMDINDUCTORS
MC1030-150M1 FPE-MC1030-150M1 Datasheet
254Kb / 3P
   COMPOSITE FORMING SMDINDUCTORS
More results

유사한 설명 - MC10319

제조업체부품명데이터시트상세설명
logo
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
TL5602 TI1-TL5602_08 Datasheet
106Kb / 6P
[Old version datasheet]   8-BIT DIGITAL-TO-ANALOG CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
5962-8953102HXC DATEL-5962-8953102HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
SHENZHEN FUMAN ELECTRON...
SC8211 FUMAN-SC8211 Datasheet
592Kb / 9P
   16 Bit Digital to Analog Converter
logo
Texas Instruments
ADS1212 TI1-ADS1212_14 Datasheet
1Mb / 51P
[Old version datasheet]   22-Bit ANALOG-TO-DIGITAL CONVERTER
TLC5502-5M TI1-TLC5502-5M Datasheet
92Kb / 11P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTER
DDC101U TI1-DDC101U Datasheet
265Kb / 29P
[Old version datasheet]   20-BIT ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com