전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC13190 데이터시트(PDF) 1 Page - Motorola, Inc

부품명 MC13190
상세설명  2.4 GHz Short-Range, Low-Power Transceiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13190 데이터시트(HTML) 1 Page - Motorola, Inc

  MC13190 Datasheet HTML 1Page - Motorola, Inc MC13190 Datasheet HTML 2Page - Motorola, Inc MC13190 Datasheet HTML 3Page - Motorola, Inc MC13190 Datasheet HTML 4Page - Motorola, Inc MC13190 Datasheet HTML 5Page - Motorola, Inc MC13190 Datasheet HTML 6Page - Motorola, Inc MC13190 Datasheet HTML 7Page - Motorola, Inc MC13190 Datasheet HTML 8Page - Motorola, Inc MC13190 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MC13190
Ordering Information
Device
Device Marking
Package
MC13190FC
13190
QFN-32
Package Information
Plastic Package
Case 1311
(QFN-32, 5x5 mm)
This document contains information on a pre-production product. Specifications and Pre-production information
herein are subject to change without notice. © Motorola, Inc., 2003. All rights reserved.
1 Introduction
The MC13190 is a Short-Range, Low-Power 2.4 GHz ISM band transceiver. Together with
an appropriate microprocessor or DSP for a Baseband Controller, it provides cost effective
solutions for short-range (up to 10 meters), battery-powered data links. Applications include
remote control, wire replacement, wireless audio, and wireless game control. The receiver
includes a low noise amplifier (LNA), AM demodulator, band pass filter and limiting IF. The
transmitter includes modulation control, baseband filtering and AM modulator. An on-chip
PLL/VCO derives the RF frequency from a fixed 256 multiplication of the reference
frequency. The device is fabricated using Motorola's RF BiCMOS process and is housed in a
32 lead QFN package with backside ground.
1.1 Features
Typical Receiver Sensitivity: -71 dBm for 2x10-4 Bit Error Rate (BER)
Typical Output Power = 4.8 dBm
Fully Differential RF Input and Output
Advance Information
MC13190/D
Rev. 1.2, 08/2003
2.4 GHz Short-Range,
Low-Power Transceiver
Contents
1 Introduction . . . . . . . . . . 1
2 Specifications . . . . . . . . 2
3 Contact Connections. . . 6
4 Application Information 8
5 Packaging. . . . . . . . . . . 14
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


유사한 부품 번호 - MC13190

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MC13191 FREESCALE-MC13191 Datasheet
289Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191 FREESCALE-MC13191 Datasheet
340Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191 FREESCALE-MC13191 Datasheet
373Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191FC FREESCALE-MC13191FC Datasheet
373Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191FCR2 FREESCALE-MC13191FCR2 Datasheet
373Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
More results

유사한 설명 - MC13190

제조업체부품명데이터시트상세설명
logo
AUREL S.p.A.
650201516G AUREL-650201516G Datasheet
1Mb / 1P
   Long Range & Low Power 2.4 GHz Multichannel Transceiver
18.02.2020
650201476G AUREL-650201476G Datasheet
118Kb / 1P
   Long Range & Low Power 2.4 GHz Multichannel Transceiver
07.07.2021
logo
Semtech Corporation
SX1280 SEMTECH-SX1280 Datasheet
2Mb / 137P
   Long Range, Low Power, 2.4 GHz Transceiver with Ranging Capability
logo
Texas Instruments
CC2400RSUR TI-CC2400RSUR Datasheet
756Kb / 84P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
CC2400 TI-CC2400_07 Datasheet
862Kb / 83P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
CC2400 TI-CC2400 Datasheet
955Kb / 84P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
CC2400 TI1-CC2400_08 Datasheet
756Kb / 84P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
logo
ATMEL Corporation
AT86RF231-ZU ATMEL-AT86RF231-ZU_09 Datasheet
4Mb / 198P
   Low Power 2.4 GHz Transceiver for ZigBee
logo
Freescale Semiconductor...
MC13191 FREESCALE-MC13191_07 Datasheet
340Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
logo
Texas Instruments
CC2500 TI-CC2500_11 Datasheet
2Mb / 96P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com