전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

K103Z10X7RH5TH5 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 K103Z10X7RH5TH5
상세설명  K10 Series Multilayer Ceramic Dipped Radial Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K103Z10X7RH5TH5 데이터시트(HTML) 2 Page - Vishay Siliconix

  K103Z10X7RH5TH5 Datasheet HTML 1Page - Vishay Siliconix K103Z10X7RH5TH5 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MONO-K AP®
Document Number: 45183
For technical questions, contact: cmll@vishay.com
www.vishay.com
Revision: 16-Nov-09
97
Mono-Kap
Multilayer Ceramic Dipped Radial K10 Capacitors
Vishay
CAPACITANCE RANGE CHART
C0G (NP0) DIELECTRIC
SIZE
10
RATED VOLTAGE
50
100
VALUE
CODE
10 pF
100
12 pF
120
15 pF
150
18 pF
180
22 pF
220
27 pF
270
33 pF
330
39 pF
390
47 pF
470
56 pF
560
68 pF
680
82 pF
820
100 pF
101
120 pF
121
150 pF
151
180 pF
181
220 pF
221
270 pF
271
330 pF
331
390 pF
391
470 pF
471
560 pF
561
680 pF
681
820 pF
821
1000 pF
102
1200 pF
122
1500 pF
152
1800 pF
182
2200 pF
222
2700 pF
272
3300 pF
332
3900 pF
392
4700 pF
472
5600 pF
562
6800 pF
682
8200 pF
822
0.01 µF
103
Y5V DIELECTRIC
SIZE
10
RATED VOLTAGE
50
VALUE
CODE
0.01 µF
103
0.015 µF
153
0.022 µF
223
0.033 µF
333
0.047 µF
473
0.068 µF
683
0.10 µF
104
0.15 µF
154
0.22 µF
224
0.33 µF
334
0.47 µF
474
0.68 µF
684
1.0 µF
105
X7R DIELECTRIC
SIZE
10
RATED VOLTAGE
50
100
VALUE
CODE
100 pF
101
120 pF
121
150 pF
151
180 pF
181
220 pF
221
270 pF
271
330 pF
331
390 pF
391
470 pF
471
560 pF
561
680 pF
681
820 pF
821
1000 pF
102
1200 pF
122
1500 pF
152
1800 pF
182
2200 pF
222
2700 pF
272
3300 pF
332
3900 pF
392
4700 pF
472
5600 pF
562
6800 pF
682
8200 pF
822
0.01 µF
103
0.012 µF
123
0.015 µF
153
0.018 µF
183
0.022 µF
223
0.027 µF
273
0.033 µF
333
0.039 µF
393
0.047 µF
473
0.056 µF
563
0.068 µF
683
0.082 µF
823
0.10 µF
104
0.12 µF
124
0.15 µF
154
0.22 µF
224
0.33 µF
334
0.47 µF
474
0.68 µF
684
1.0 µF
105
www.vishay.com
For technical questions, contact: cmll@vishay.com
Document Number: 45183
96
Revision: 16-Nov-09
Mono-Kap
Vishay
Multilayer Ceramic Dipped Radial K10 Capacitors
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Capacitance range
10 pF to 1000 pF
100 pF to 0.1 µF
0.01 µF to 0.15 µF
Rated DC voltage
50 V
100 V
50 V
100 V
50 V
Tolerance on capacitance
± 5 %, ± 10 %
± 10 %, ± 20 %
+ 80 %/- 20 %
Dielectric Code
C0G (NP0)
X7R
Y5V
ORDERING INFORMATION
K
103
K
10
X7R
F
5
3
H
5
PRODUCT
TYPE
CAPACITANCE
CODE
CAPACITANCE
TOLERANCE
SIZE
CODE
TEMP.
CHAR.
RATED
VOLTAGE
LEAD
DIA.
LEAD LENGTH/
PACKAGING
LEAD
STYLE
LEAD
SPACING
K =
Mono-Kap
Two significant
digits followed by
the number of
zeros.
For example:
103 = 10 000 pF
J = ± 5 %
K = ± 10 %
M = ± 20 %
Z = + 80%/- 20 %
Ref.
mech.
spec.
C0G
X7R
Y5V
F =
50 VDC
H =
100 VDC
5 =
0.5 mm
(0.020")
3 = Bulk, with lead
length of 30 ± 5.0
mm (1.25")
T = Tape and reel
U = Ammopack
L =
Straight
Lead
H =
High
seated
assy
2 =
2.5 (0.100")
5 =
5.0 (0.200")
Ordering Example: K-103-K-10-X7R-F-5-3-H-5
THISDOCUMENTISSUBjECTTOCHANGEwITHOUTNOTICE.THEPRODUCTSDESCRIBEDHEREINANDTHISDOCUMENTARESUBjECTTO
SPECIFICDISCLAIMERS,SETFORTHATwww.vishay.com/doc?91000
VMN-PT9161-1202
2/2
PRODUCTSHEET
CeRAmiC CAPACitORs
ON
AND TEC
1 9 6 2 - 2 0 1 2
V I SH AYI N TE R TE C H N OL OGY,I NC .
Dipped Radial multilayer Ceramic K10 Capacitors


유사한 부품 번호 - K103Z10X7RH5TH5

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
K103Z15Y5VE5TH5 VISHAY-K103Z15Y5VE5TH5 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors
Revision: 18-Sep-06
K103Z15Y5VF5.H5 VISHAY-K103Z15Y5VF5.H5 Datasheet
368Kb / 13P
   Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 18-Jan-06
K103Z15Y5VF5.H5 VISHAY-K103Z15Y5VF5.H5 Datasheet
97Kb / 13P
   Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
Revision: 16-Nov-09
K103Z15Y5VF5.L2 VISHAY-K103Z15Y5VF5.L2 Datasheet
368Kb / 13P
   Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 18-Jan-06
K103Z15Y5VF5.L2 VISHAY-K103Z15Y5VF5.L2 Datasheet
97Kb / 13P
   Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
Revision: 16-Nov-09
More results

유사한 설명 - K103Z10X7RH5TH5

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
K100K15C0GH53L2 VISHAY-K100K15C0GH53L2 Datasheet
514Kb / 2P
   K10 Series Multilayer Ceramic Dipped Radial Capacitors
Revision 16-Nov-09
K105K20X7RF5TH5 VISHAY-K105K20X7RF5TH5 Datasheet
514Kb / 2P
   K10 Series Multilayer Ceramic Dipped Radial Capacitors
Revision 16-Nov-09
K681K15C0GF53H5 VISHAY-K681K15C0GF53H5 Datasheet
514Kb / 2P
   K10 Series Multilayer Ceramic Dipped Radial Capacitors
Revision 16-Nov-09
K331J10C0GH53L2 VISHAY-K331J10C0GH53L2 Datasheet
514Kb / 2P
   K10 Series Multilayer Ceramic Dipped Radial Capacitors
49363_VMN-PT9161 VISHAY-49363_VMN-PT9161 Datasheet
514Kb / 2P
   K10 Series Multilayer Ceramic Dipped Radial Capacitors
Revision 16-Nov-09
K102J15C0GF5TH5 VISHAY-K102J15C0GF5TH5 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors
Revision: 18-Sep-06
logo
United Chemi-Con, Inc.
KTD251B335M90 CHEMI-CON-KTD251B335M90 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KVD101L104M32 CHEMI-CON-KVD101L104M32 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KHD160E685M32A0T00 CHEMI-CON-KHD160E685M32A0T00 Datasheet
45Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KTD251B104M32A0T00 CHEMI-CON-KTD251B104M32A0T00 Datasheet
56Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com