전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES3B 데이터시트(PDF) 1 Page - Diotec Semiconductor

부품명 ES3B
상세설명  Superfast Efficient SMD Rectifier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIOTEC [Diotec Semiconductor]
홈페이지  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

ES3B 데이터시트(HTML) 1 Page - Diotec Semiconductor

  ES3B Datasheet HTML 1Page - Diotec Semiconductor ES3B Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ES3A ... ES3J
ES3A ... ES3J
Superfast Efficient SMD Rectifier Diodes
Superschnelle SMD-Gleichrichter für hohen Wirkungsgrad
IFAV = 3.0 A
VF1 < 0.9 V
Tjmax = 150°C
VRRM = 50...600 V
IFSM = 115/125 A
trr
< 20...35 ns
Version 2015-10-26
~ SMC / ~ DO-214AB
Dimensions - Maße [mm]
Typical Applications
Rectification of higher frequencies
High efficient switching stages
Commercial grade 1)
Typische Anwendungen
Gleichrichtung hoher Frequenzen
Wandlerstufen mit hohem Wirkungsgrad
Standardausführung 1)
Features
Extremely low reverse recovery time
Low forward voltage drop
Compliant to RoHS, REACH,
Conflict Minerals 1)
Besonderheiten
Extrem niedrige Sperrverzugszeit
Niedrige Fluss-Spannung
Konform zu RoHS, REACH,
Konfliktmineralien 1)
Mechanical Data 1)
Mechanische Daten 1)
Taped and reeled
3000 / 13“
Gegurtet auf Rolle
Weight approx.
0.21 g
Gewicht ca.
Case material
UL 94V-0
Gehäusematerial
Solder & assembly conditions
260°C/10s
Löt- und Einbaubedingungen
MSL = 1
Maximum ratings 2)
Grenzwerte 2)
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
VRSM [V]
ES3A
50
50
ES3B
100
100
ES3C
150
150
ES3D
200
200
ES3F
300
300
ES3G
400
400
ES3J
600
600
Max. average forward rectified current, R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
TT = 100°C
IFAV
3 A
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
15 A 3)
Peak forward surge current, 50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
TA = 25°C
IFSM
115/125 A
Rating for fusing, t < 10 ms
Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
50 A2s
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+150°C
-50...+150°C
1
Please note the detailed information on our website or at the beginning of the data book
Bitte beachten Sie die detaillierten Hinweise auf unserer Internetseite bzw. am Anfang des Datenbuches
2
Tj = 25°C unless otherwise specified – Tj = 25°C wenn nicht anders angegeben
3
Max. temperature of the terminals TT = 100°C – Max. Temperatur der Anschlüsse TT = 100°C
© Diotec Semiconductor AG
http://www.diotec.com/
1
0.15
Type
Typ
1.2
7.9
±0.2
7.2±0.5
Pb
RoHS


유사한 부품 번호 - ES3B

제조업체부품명데이터시트상세설명
logo
DONGGUAN YOU FENG WEI E...
ES3B YFWDIODE-ES3B Datasheet
91Kb / 2P
   Super Fast recovery rectifiers
logo
Diodes Incorporated
ES3B DIODES-ES3B Datasheet
46Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS14003 Rev. E1-2
logo
Anova Technologies CO.,...
ES3B ANOVA-ES3B Datasheet
296Kb / 2P
   Surface Mount Super Fast Rectifiers
logo
SEMTECH ELECTRONICS LTD...
ES3B SEMTECH_ELEC-ES3B Datasheet
236Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
ES3B SAMYANG-ES3B Datasheet
523Kb / 2P
   SURFACE MOUNT RECTIFIERS
More results

유사한 설명 - ES3B

제조업체부품명데이터시트상세설명
logo
Diotec Semiconductor
UGB8AT DIOTEC-UGB8AT Datasheet
162Kb / 2P
   Superfast Efficient SMD Rectifier Diodes
ES2ASMA DIOTEC-ES2ASMA_17 Datasheet
155Kb / 2P
   Superfast Efficient SMD Rectifier Diodes
ES1A DIOTEC-ES1A_18 Datasheet
143Kb / 2P
   Superfast Efficient SMD Rectifier Diodes
ES1A DIOTEC-ES1A_15 Datasheet
150Kb / 2P
   Superfast Efficient SMD Rectifier Diodes
MUR860 DIOTEC-MUR860 Datasheet
176Kb / 2P
   Superfast Efficient Rectifier Diodes
UFT800A DIOTEC-UFT800A_17 Datasheet
168Kb / 2P
   Superfast Efficient Rectifier Diodes
MUR420L DIOTEC-MUR420L Datasheet
148Kb / 2P
   Superfast Efficient Rectifier Diodes
MUR420L DIOTEC-MUR420L_18 Datasheet
137Kb / 2P
   Superfast Efficient Rectifier Diodes
MUR420 DIOTEC-MUR420_17 Datasheet
149Kb / 2P
   Superfast Efficient Rectifier Diodes
MUR420 DIOTEC-MUR420_16 Datasheet
135Kb / 2P
   Superfast Efficient Rectifier Diodes
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com