전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTB10-600B 데이터시트(PDF) 1 Page - Inchange Semiconductor Company Limited

부품명 BTB10-600B
상세설명  With TO-220AB non insulated package
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ISC [Inchange Semiconductor Company Limited]
홈페이지  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BTB10-600B 데이터시트(HTML) 1 Page - Inchange Semiconductor Company Limited

  BTB10-600B Datasheet HTML 1Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc Triacs
BTB10-600B
FEATURES
·
With TO-220AB non insulated package
·
Suitables for general purpose AC switching. Which can be used as an
ON/OFF function in applications such as static relays, heating regulation,
induction motor starting circuits. Or for phase control operation in light
dimmers, motor speed controllers etc.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive peak off-state voltage
600
V
VRRM
Repetitive peak reverse voltage
600
V
IT(RMS)
RMS on-state current (full sine wave)Tj=110℃
10
A
ITSM
Non-repetitive peak on-state current tp=20ms
100
A
Tj
Operating junction temperature
110
Tstg
Storage temperature
-45~150
Rth(j-c)
Thermal resistance, junction to case
1.5
/W
Rth(j-a)
Thermal resistance, junction to ambient
60
/W
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MAX
UNIT
IRRM
Repetitive peak reverse current
VR=VRRM,
VR=VRRM, Tj=110
0.01
0.5
mA
IDRM
Repetitive peak off-state current
VD=VDRM,
VD=VDRM, Tj=110
0.01
0.5
mA
IGT
Gate trigger current
VD=12V; RL= 30Ω
50
mA
50
50
100
IH
Holding current
IGT= 0.1A, Gate Open
50
mA
VGT
Gate trigger voltage all quadrant
VD=12V; RL= 30Ω
1.3
V
VTM
On-state voltage
IT= 14A; tp= 380μs
1.55
V


유사한 부품 번호 - BTB10-600B

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
BTB10-600B STMICROELECTRONICS-BTB10-600B Datasheet
74Kb / 7P
   10A TRIACS
BTB10-600BRG STMICROELECTRONICS-BTB10-600BRG Datasheet
74Kb / 7P
   10A TRIACS
BTB10-600BW STMICROELECTRONICS-BTB10-600BW Datasheet
74Kb / 7P
   10A TRIACS
logo
Inchange Semiconductor ...
BTB10-600BW ISC-BTB10-600BW Datasheet
107Kb / 1P
   With TO-220AB non insulated package
logo
STMicroelectronics
BTB10-600BW STMICROELECTRONICS-BTB10-600BW Datasheet
634Kb / 14P
   10 A SnubberlessTM, logic level and standard Triacs
February 2017 Rev 7
More results

유사한 설명 - BTB10-600B

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
BTB08-600CW ISC-BTB08-600CW Datasheet
107Kb / 1P
   With TO-220AB non insulated package
BTB12-600C ISC-BTB12-600C Datasheet
107Kb / 1P
   With TO-220AB non insulated package
BTB12-600SW ISC-BTB12-600SW Datasheet
107Kb / 1P
   With TO-220AB non insulated package
BTB12-600CW ISC-BTB12-600CW Datasheet
107Kb / 1P
   With TO-220AB non insulated package
BTB06-600A ISC-BTB06-600A Datasheet
116Kb / 1P
   With TO-220AB non insulated package
BTB10-600BW ISC-BTB10-600BW Datasheet
107Kb / 1P
   With TO-220AB non insulated package
BTB10-600C ISC-BTB10-600C Datasheet
107Kb / 1P
   With TO-220AB non insulated package
BTB12-600TW ISC-BTB12-600TW Datasheet
107Kb / 1P
   With TO-220AB non insulated package
BTB04-600SL ISC-BTB04-600SL Datasheet
116Kb / 1P
   With TO-220AB non insulated package
BTB12-600B ISC-BTB12-600B Datasheet
107Kb / 1P
   With TO-220AB non insulated package
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com