전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

8XC51FB 데이터시트(PDF) 9 Page - NXP Semiconductors

부품명 8XC51FB
상세설명  Low power single card reader
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

8XC51FB 데이터시트(HTML) 9 Page - NXP Semiconductors

Back Button 8XC51FB Datasheet HTML 5Page - NXP Semiconductors 8XC51FB Datasheet HTML 6Page - NXP Semiconductors 8XC51FB Datasheet HTML 7Page - NXP Semiconductors 8XC51FB Datasheet HTML 8Page - NXP Semiconductors 8XC51FB Datasheet HTML 9Page - NXP Semiconductors 8XC51FB Datasheet HTML 10Page - NXP Semiconductors 8XC51FB Datasheet HTML 11Page - NXP Semiconductors 8XC51FB Datasheet HTML 12Page - NXP Semiconductors 8XC51FB Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
Table 2
Embedded controller Special Function Registers (SFRs)
SYMBOL
DESCRIPTION
ADDR
(HEX)
BIT ADDRESS, SYMBOL OR ALTERNATIVE PORT FUNCTION
RESET
VALUE
(BINARY)
ACC(1)
accumulator
E0
E7
E6
E5
E4
E3
E2
E1
E0
0000 0000
AUXR(2)
auxiliary
8E
−−−−−−
EXTRAM
AO
XXXX XX00
AUXR1(2)
auxiliary
A2
−−−
LPEP
GF
0
DPS
XXX0 00X0
B(1)
B register
F0
F7
F6
F5
F4
F3
F2
F1
F0
0000 0000
DPH
data pointer high 83
0000 0000
DPL
data pointer low
82
0000 0000
IE(1)
interrupt enable
A8
EA
ET2
ES
ET1
EX1
ET0
EX0
0X00 0000
AF
AE
AD
AC
AB
AA
A9
A8
IP(1)
interrupt priority
B8
−−
PT2
PS
PT1
PX1
PT0
PX0
XX00 0000
BF
BE
BD
BC
BB
BA
B9
B8
IPH(2)
interrupt priority
high
B7
−−
PT2H
PSH
PT1H
PX1H
PT0H
PX0H
XX00 0000
P0(1)
port 0
80
AD7
AD6
AD5
AD4
AD3
AD2
AD1
AD0
1111 1111
87
86
85
84
83
82
81
80
P1(1)
port 1
90
−−−−−−
T2EX
T2
1111 1111
97
96
95
94
93
92
91
90
P2(1)
port 2
A0
A15
A14
A13
A12
A11
A10
A9
A8
1111 1111
A7
A6
A5
A4
A3
A2
A1
A0
P3(1)
port 3
B0
RD
WR
T1
T0
INT1_N
INT0_N
TxD
RxD
1111 1111
B7
B6
B5
B4
B3
B2
B1
B0
PCON(2)(3)
power control
87
SMOD1
SMOD0
POF(4)
GF1
GF0
PD
IDL
00XX 0000
PSW(1)
program status
word
D0
CY
AC
F0
RS1
RS0
OV
P
0000 00X0
D7
D6
D5
D4
D3
D2
D1
D0
RACAP2H(2)
timer 2 capture
high
CB
0000 0000
RACAP2L(2)
timer 2 capture
low
CA
0000 0000
SADDR(2)
slave address
A9
0000 0000
SADEN(2)
slave address
mask
B9
0000 0000


유사한 부품 번호 - 8XC51FB

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
8XC51FB PHILIPS-8XC51FB Datasheet
355Kb / 56P
   80C51 8-bit microcontroller family 8K-4K/256-1K OTP/ROM/ROMless, low voltage (2.7V-5.5V), low power, high speed (33 MHz)
2000 Aug 07
8XC51FB PHILIPS-8XC51FB Datasheet
348Kb / 55P
   8-bit CMOS (low voltage, low power and high speed) microcontroller families
1999 Apr 01
More results

유사한 설명 - 8XC51FB

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8029 NXP-TDA8029 Datasheet
275Kb / 59P
   Low power single card reader
Rev. 03-22 February 2005
logo
SMSC Corporation
USB2227_0503 SMSC-USB2227_0503 Datasheet
172Kb / 5P
   Flash Card Reader Media Power Considerations
logo
List of Unclassifed Man...
AU6366 ETC2-AU6366 Datasheet
533Kb / 20P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6371-JDL ETC2-AU6371-JDL Datasheet
520Kb / 19P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6336 ETC2-AU6336 Datasheet
532Kb / 22P
   USB2.0 SD/MMC Single LUN Card Reader Controller
AU6371-JEL ETC2-AU6371-JEL Datasheet
511Kb / 19P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6369 ETC2-AU6369 Datasheet
525Kb / 30P
   USB 2.0 Single-Slot Flash Memory Card Reader
AU6372 ETC2-AU6372 Datasheet
517Kb / 18P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
logo
Prolific Technology Inc...
PL2731 PROLIFIC-PL2731 Datasheet
353Kb / 1P
   USB 3.0 Single LUN Mass Storage Card Reader
logo
FCI connector
7111S2015X0X FCI-CONNECTOR-7111S2015X0X Datasheet
214Kb / 2P
   SIM CARD READER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com