전자부품 데이터시트 검색엔진 |
|
FAN4040B-IS325 데이터시트(PDF) 1 Page - Fairchild Semiconductor |
|
FAN4040B-IS325 데이터시트(HTML) 1 Page - Fairchild Semiconductor |
1 / 7 page www.fairchildsemi.com REV. 1.0.5 1/29/03 Features • Fixed 2.500V, 3.300V and 5.00V • Tolerances to ±0.1% (25 °C) • Low output noise • Low temperature coefficient to 100ppm/°C • Small package • Extended operating current range • Extended temperature range Applications • Portable equipment • Disk drives • Instrumentation • Audio equipment • Data acquisition systems Description The FAN4040 series of precision shunt references are ideal for space- and cost-sensitive applications. They are available in three output voltages (2.500V, 3.300V and 5.00V) and with four output voltage tolerances (0.1%, 0.2%, 0.5% and 1%). They also have excellent temperature coefficients, to 100ppm/ °C for the tighter tolerance grades. The FAN4040 series has an extended operating current range, sinking as much as 25mA. The FAN4040 series is available in SOT-23 package. Connection Diagrams 1 2 + – 3* *This pin must be left floating or connected to pin 2. SOT-23 Top View FAN4040 Precision Micropower Shunt Voltage Reference |
유사한 부품 번호 - FAN4040B-IS325 |
|
유사한 설명 - FAN4040B-IS325 |