전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IXYP10N65B3D1 데이터시트(PDF) 4 Page - IXYS Corporation

부품명 IXYP10N65B3D1
상세설명  Optimized for 5-30kHz Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IXYS [IXYS Corporation]
홈페이지  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYP10N65B3D1 데이터시트(HTML) 4 Page - IXYS Corporation

  IXYP10N65B3D1 Datasheet HTML 1Page - IXYS Corporation IXYP10N65B3D1 Datasheet HTML 2Page - IXYS Corporation IXYP10N65B3D1 Datasheet HTML 3Page - IXYS Corporation IXYP10N65B3D1 Datasheet HTML 4Page - IXYS Corporation IXYP10N65B3D1 Datasheet HTML 5Page - IXYS Corporation IXYP10N65B3D1 Datasheet HTML 6Page - IXYS Corporation IXYP10N65B3D1 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXYP10N65B3D1
Fig. 11. Forward-Bias Safe Operating Area
0.1
1
10
100
1
10
100
1000
VDS - Volts
TJ = 175ºC
TC = 25ºC
Single Pulse
25µs
1ms
10ms
VCE(sat) Limit
100µs
DC
Fig. 13. Maximum Transient Thermal Impedance
0.01
0.1
1
10
1.E-07
1.E-06
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
Pulse Width - Second
Fig. 12. Maximum Transient Thermal Impedance (IGBT)
AAAAA
2
D = tp / T
tp
T
D = 0.5
D = 0.2
D = 0.1
D = 0.05
D = 0.02
Single Pulse
D = 0.01
Fig. 7. Transconductance
0
1
2
3
4
5
6
7
8
9
10
0
4
8
1216
202428
32
IC - Amperes
TJ = - 40ºC
150ºC
25ºC
Fig. 10. Reverse-Bias Safe Operating Area
0
4
8
12
16
20
100
200
300
400
500
600
700
VCE - Volts
TJ = 150ºC
RG = 50
dv / dt < 10V / ns
Fig. 8. Gate Charge
0
2
4
6
8
10
12
14
16
0
2
4
6
8
101214
1618
20
QG - NanoCoulombs
VCE = 325V
IC = 10A
IG = 1mA
Fig. 9. Capacitance
1
10
100
1,000
0
5
10
15
20
25
30
35
40
VCE - Volts
f = 1 MHz
Cies
Coes
Cres


유사한 부품 번호 - IXYP10N65B3D1

제조업체부품명데이터시트상세설명
logo
IXYS Corporation
IXYP10N65C3 IXYS-IXYP10N65C3 Datasheet
211Kb / 6P
   Optimized for 20-60kHz Switching
IXYP10N65C3D1 IXYS-IXYP10N65C3D1 Datasheet
214Kb / 7P
   Optimized for 20-60kHz Switching
IXYP10N65C3D1M IXYS-IXYP10N65C3D1M Datasheet
194Kb / 6P
   Optimized for 20-60kHz Switching
More results

유사한 설명 - IXYP10N65B3D1

제조업체부품명데이터시트상세설명
logo
IXYS Corporation
IXYP20N65B3D1 IXYS-IXYP20N65B3D1 Datasheet
194Kb / 7P
   Optimized for 5-30kHz Switching
IXYH100N65B3 IXYS-IXYH100N65B3 Datasheet
231Kb / 6P
   Optimized for 10-30kHz Switching
IXXP12N65B4D1 IXYS-IXXP12N65B4D1 Datasheet
227Kb / 7P
   Extreme Light Punch Through IGBT for 5-30kHz Switching
IXGN80N60A2 IXYS-IXGN80N60A2 Datasheet
530Kb / 2P
   Optimized for Switching up to 5 kHz
IXGN200N60A2 IXYS-IXGN200N60A2 Datasheet
558Kb / 5P
   Optimized for Switching
MMIX1X100N60B3H1 IXYS-MMIX1X100N60B3H1 Datasheet
305Kb / 8P
   Extreme Light Punch Through IGBT for 10-30kHz Switching
MMIX1X200N60B3 IXYS-MMIX1X200N60B3 Datasheet
241Kb / 7P
   Extreme Light Punch Through IGBT for 10-30kHz Switching
IXXK100N60B3H1 IXYS-IXXK100N60B3H1 Datasheet
240Kb / 7P
   Extreme Light Punch Through IGBT for 10-30kHz Switching
MMIX1X200N60B3H1 IXYS-MMIX1X200N60B3H1 Datasheet
250Kb / 8P
   Extreme Light Punch Through IGBT for 10-30kHz Switching
MMIX1X340N65B4 IXYS-MMIX1X340N65B4 Datasheet
239Kb / 7P
   Extreme Light Punch Through IGBT for 10-30kHz Switching
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com