전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IXYP10N65C3 데이터시트(PDF) 6 Page - IXYS Corporation

부품명 IXYP10N65C3
상세설명  Optimized for 20-60kHz Switching
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IXYS [IXYS Corporation]
홈페이지  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYP10N65C3 데이터시트(HTML) 6 Page - IXYS Corporation

  IXYP10N65C3 Datasheet HTML 1Page - IXYS Corporation IXYP10N65C3 Datasheet HTML 2Page - IXYS Corporation IXYP10N65C3 Datasheet HTML 3Page - IXYS Corporation IXYP10N65C3 Datasheet HTML 4Page - IXYS Corporation IXYP10N65C3 Datasheet HTML 5Page - IXYS Corporation IXYP10N65C3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXYP10N65C3
IXYS REF: IXY_10N65C3(1D)5-24-13
Fig. 20. Inductive Turn-on Switching Times vs.
Collector Current
0
10
20
30
40
50
60
70
80
90
4
6
8
10
121416
18
20
IC - Amperes
12
14
16
18
20
22
24
26
28
30
t r i
td(on) - - - -
RG = 50, VGE = 15V
VCE = 400V
TJ = 25ºC
TJ = 150ºC
Fig. 21. Inductive Turn-on Switching Times vs.
Junction Temperature
10
20
30
40
50
60
70
80
90
100
25
50
75
100
125
150
TJ - Degrees Centigrade
14
16
18
20
22
24
26
28
30
32
t r i
td(on) - - - -
RG = 50, VGE = 15V
VCE = 400V
I C = 20A
I C = 10A
Fig. 19. Inductive Turn-on Switching Times vs.
Gate Resistance
0
20
40
60
80
100
120
140
160
50
60
70
80
90
100
110
120
RG - Ohms
0
10
20
30
40
50
60
70
80
t r i
td(on) - - - -
TJ = 150ºC, VGE = 15V
VCE = 400V
I C = 10A
I C = 20A
Fig. 22. Cauer Thermal Network
i
Ri (°C/W)
Ci (J/°C)
1 0.314390
0.00097276
2 0.289260
0.00981820
3 0.090928
0.07681600


유사한 부품 번호 - IXYP10N65C3

제조업체부품명데이터시트상세설명
logo
IXYS Corporation
IXYP10N65C3D1 IXYS-IXYP10N65C3D1 Datasheet
214Kb / 7P
   Optimized for 20-60kHz Switching
IXYP10N65C3D1M IXYS-IXYP10N65C3D1M Datasheet
194Kb / 6P
   Optimized for 20-60kHz Switching
More results

유사한 설명 - IXYP10N65C3

제조업체부품명데이터시트상세설명
logo
IXYS Corporation
IXYP10N65C3D1 IXYS-IXYP10N65C3D1 Datasheet
214Kb / 7P
   Optimized for 20-60kHz Switching
IXYP15N65C3 IXYS-IXYP15N65C3 Datasheet
188Kb / 6P
   Optimized for 20-60kHz Switching
IXYP20N65C3D1M IXYS-IXYP20N65C3D1M Datasheet
193Kb / 6P
   Optimized for 20-60kHz Switching
IXYT30N65C3H1HV IXYS-IXYT30N65C3H1HV Datasheet
266Kb / 6P
   Optimized for 20-60kHz Switching
IXYP10N65C3D1M IXYS-IXYP10N65C3D1M Datasheet
194Kb / 6P
   Optimized for 20-60kHz Switching
IXYH100N65C3 IXYS-IXYH100N65C3 Datasheet
231Kb / 6P
   Optimized for 20-60kHz Switching
IXYP15N65C3D1M IXYS-IXYP15N65C3D1M Datasheet
193Kb / 6P
   Optimized for 20-60kHz Switching
IXYH50N65C3D1 IXYS-IXYH50N65C3D1 Datasheet
186Kb / 7P
   Optimized for 20-60kHz Switching
IXYH40N65C3H1 IXYS-IXYH40N65C3H1 Datasheet
182Kb / 7P
   Optimized for 20-60kHz Switching
IXYH50N65C3H1 IXYS-IXYH50N65C3H1 Datasheet
249Kb / 8P
   Optimized for 20-60kHz Switching
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com