전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST-0470-BLT-STD 데이터시트(PDF) 1 Page - Bourns Electronic Solutions

부품명 ST-0470-BLT-STD
상세설명  Sparctube Switching Spark Gap
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOURNS [Bourns Electronic Solutions]
홈페이지  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

ST-0470-BLT-STD 데이터시트(HTML) 1 Page - Bourns Electronic Solutions

  ST-0470-BLT-STD Datasheet HTML 1Page - Bourns Electronic Solutions ST-0470-BLT-STD Datasheet HTML 2Page - Bourns Electronic Solutions ST-0470-BLT-STD Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Characteristics
Sparctube®SwitchingSparkGapST-0470Series
Initial Values:
Static Breakdown Voltage @ 800 V/s 1
First Ignition Values ..............................................................................................................< 620 V
Following Ignition Values......................................................................................................470 V ±12 %
Electrical Life:
Minimum Number of Switching Cycles.......................................................................................2x105
Peak Current (Approx.)...............................................................................................................500 A
Maximum Switching Frequency..................................................................................................200 Hz
Breakdown Characteristics @ 620 V Limit
First Ignition Values ..............................................................................................................≤620V
Delay Time............................................................................................................................< 60 ms
Following Ignition Values......................................................................................................470 V ±15 %
General Data:
Breakdown Time.........................................................................................................................< 50 ns
Insulation Resistance @100 Vdc ...............................................................................................> 100 megohms
Share of Early Ignition Values (< 400 V) ....................................................................................< 1 %
Capacitance................................................................................................................................< 1 pF
Operating Temperature Range 2................................................................................................-40 °C to +160 °C
Storage Temperature Range ......................................................................................................-65 °C to +125 °C
Weight (Approx.).........................................................................................................................2.3 g
Testing ........................................................................................................................................100 %
Robustness of Terminations .......................................................................................................IEC 60068-2-21 3
Notes:
1 At delivery AQL 0.65 Level II, DIN ISO 2859.
2 Distribution of switchings: maximum 20 % above +125 °C and 20 % below +20°C.
3 Test Ua1 (tensile), Ua2 (thrust), Ub (bending) and Uc (torsion).
Description
Bourns® Sparctube®SwitchingSparkGapSeriesisarangeofswitchingsparkgapsdesignedspecificallyforvoltagecontrolled
switching of capacitive discharge circuits where a high energy, low loss, fast rate of switching is required. This series is ideally suited
for applications where a capacitive discharge is utilized with a transformer to obtain pulses of very high voltage levels in the order of
several thousand volts.
Features
n
Formerlyaproduct
n
Fastswitchingrate
n
Highenergy,lowlosscapability
n
Wideoperatingtemperaturerange
n
Longservicelife
n
Highinsulationresistance
n
RoHScompliant*
Applications
n
Ignitersforarchitecturalandautomotive
Xenondischargelamps
n
Electronicignitersforgasheatingandgas
domesticappliances,e.g.,cookers
n
Ignitionofultra-highpressuregas
dischargelampsfordataandvideo
projectors
*RoHSDirective2002/95/ECJan.27,2003includingannexandRoHSRecast2011/65/EUJune8,2011.
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Basic Application Circuit
LOAD
C
R
Sparctube®
SwitchingSparkGapDevice
Asia-Pacific:
Tel: +886-2 2562-4117
Email: asiacus@bourns.com
Europe:
Tel: +36 88 520 390
Email: eurocus@bourns.com
The Americas:
Tel: +1-951 781-5500
Email: americus@bourns.com
www.bourns.com


유사한 부품 번호 - ST-0470-BLT-STD

제조업체부품명데이터시트상세설명
logo
Bourns Electronic Solut...
ST-0470-BLT-STD BOURNS-ST-0470-BLT-STD Datasheet
330Kb / 3P
   ST-0470 Series Sparctube??Switching Spark Gap
More results

유사한 설명 - ST-0470-BLT-STD

제조업체부품명데이터시트상세설명
logo
Bourns Electronic Solut...
ST-0600 BOURNS-ST-0600_16 Datasheet
361Kb / 3P
   Sparctube Switching Spark Gap
ST-0800 BOURNS-ST-0800_16 Datasheet
360Kb / 3P
   Sparctube Switching Spark Gap
ST-0620-BBB-STD BOURNS-ST-0620-BBB-STD Datasheet
329Kb / 3P
   Sparctube Switching Spark Gap
ST-1000-ABB-SG BOURNS-ST-1000-ABB-SG Datasheet
328Kb / 3P
   Sparctube Switching Spark Gap
ST-0350-BBB-STD BOURNS-ST-0350-BBB-STD_16 Datasheet
361Kb / 3P
   Sparctube Switching Spark Gap
ST-0840 BOURNS-ST-0840_16 Datasheet
360Kb / 3P
   Sparctube Switching Spark Gap
ST-0600-BBB-STD BOURNS-ST-0600-BBB-STD Datasheet
329Kb / 3P
   Sparctube Switching Spark Gap
ST-0800-BBB-STD BOURNS-ST-0800-BBB-STD Datasheet
329Kb / 3P
   Sparctube Switching Spark Gap
ST-0400 BOURNS-ST-0400_16 Datasheet
355Kb / 3P
   Sparctube Switching Spark Gap
ST-0620 BOURNS-ST-0620_16 Datasheet
361Kb / 3P
   Sparctube Switching Spark Gap
ST-0750 BOURNS-ST-0750 Datasheet
361Kb / 3P
   Sparctube Switching Spark Gap
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com