전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST-0840-BCT-STD 데이터시트(PDF) 2 Page - Bourns Electronic Solutions

부품명 ST-0840-BCT-STD
상세설명  Sparctube Switching Spark Gap
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOURNS [Bourns Electronic Solutions]
홈페이지  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

ST-0840-BCT-STD 데이터시트(HTML) 2 Page - Bourns Electronic Solutions

  ST-0840-BCT-STD Datasheet HTML 1Page - Bourns Electronic Solutions ST-0840-BCT-STD Datasheet HTML 2Page - Bourns Electronic Solutions ST-0840-BCT-STD Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
60.0-82.0
(2.362-3.228)
TINNEDLEADS
METALELECTRODE
CERAMICINSULATOR
8.0+0.1/-0.3
(.315+.004/-.012)
DIA.
8.0+0.1/-0.3
(.315+.004/-.012)
DIA.
1.0
(.039)
DIA.
5.8±0.3
(.228±.012)
8.0+0.1/-0.3
(.315+.004/-.012)
DIA.
METALELECTRODE
CERAMICINSULATOR
5.8±0.3
(.228±.012)
8.4
(.331)
MAX.
8.6
(.339)
MAX.
1.00
(.039)
DIA.
8.4
(.331)
MAX.
5.8±0.3
(.228±.012)
2.52±0.20
(.099±.008)
0.25+0.15/-0.05
(.010+.006/-.002)
0.20
(.008)
APPROX.
9.6
(.38)
8.6
(.34)
4.5
(.18)
Recommended Pad Layout
60.0-82.0
(2.362-3.228)
TINNEDLEADS
METALELECTRODE
CERAMICINSULATOR
8.0+0.1/-0.3
(.315+.004/-.012)
DIA.
8.0+0.1/-0.3
(.315+.004/-.012)
DIA.
1.0
(.039)
DIA.
5.8±0.3
(.228±.012)
8.0+0.1/-0.3
(.315+.004/-.012)
DIA.
METALELECTRODE
CERAMICINSULATOR
5.8±0.3
(.228±.012)
8.4
(.331)
MAX.
8.6
(.339)
MAX.
1.00
(.039)
DIA.
8.4
(.331)
MAX.
5.8±0.3
(.228±.012)
2.52±0.20
(.099±.008)
0.25+0.15/-0.05
(.010+.006/-.002)
0.20
(.008)
APPROX.
9.6
(.38)
8.6
(.34)
4.5
(.18)
Sparctube®SwitchingSparkGapST-0840Series
Product Dimensions
ST-0840-BLx
How to Order
ST - 0840 - B x x - STD
Series
Designator
Switching Voltage
0840 = 840 V
Tolerance
B = 12 %
Lead Shape
B = Bent Leads
C = No Leads*
L = Straight Leads
Packaging
B = Bulk
T = Tape & Reel*
StandardorModifiedProductIndicator
STD = Standard
*Leadless version available in bulk packaging
only.
Typical Part Marking
ST 0840 wwy...... “wwy” = Week and
year of production
DIMENSIONS:
MM
(INCHES)
ST-0840-BCx
ST-0840-BBx
Test Circuit
C
Uo
RL
Us
DUT
Uo.........1000-1500 V
R...........See Note
C...........100 nF
L............0.5 µH
DUT ......Device Under Test
Us .........Breakdown Voltages
NOTE: Uo and R are set to provide suitable conditions for
different measurements.
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.


유사한 부품 번호 - ST-0840-BCT-STD

제조업체부품명데이터시트상세설명
logo
Bourns Electronic Solut...
ST-0840-BCT-STD BOURNS-ST-0840-BCT-STD Datasheet
334Kb / 3P
   Sparctube Switching Spark Gap
More results

유사한 설명 - ST-0840-BCT-STD

제조업체부품명데이터시트상세설명
logo
Bourns Electronic Solut...
ST-0600 BOURNS-ST-0600_16 Datasheet
361Kb / 3P
   Sparctube Switching Spark Gap
ST-0800 BOURNS-ST-0800_16 Datasheet
360Kb / 3P
   Sparctube Switching Spark Gap
ST-0620-BBB-STD BOURNS-ST-0620-BBB-STD Datasheet
329Kb / 3P
   Sparctube Switching Spark Gap
ST-1000-ABB-SG BOURNS-ST-1000-ABB-SG Datasheet
328Kb / 3P
   Sparctube Switching Spark Gap
ST-0350-BBB-STD BOURNS-ST-0350-BBB-STD_16 Datasheet
361Kb / 3P
   Sparctube Switching Spark Gap
ST-0600-BBB-STD BOURNS-ST-0600-BBB-STD Datasheet
329Kb / 3P
   Sparctube Switching Spark Gap
ST-0800-BBB-STD BOURNS-ST-0800-BBB-STD Datasheet
329Kb / 3P
   Sparctube Switching Spark Gap
ST-0400 BOURNS-ST-0400_16 Datasheet
355Kb / 3P
   Sparctube Switching Spark Gap
ST-0620 BOURNS-ST-0620_16 Datasheet
361Kb / 3P
   Sparctube Switching Spark Gap
ST-0750 BOURNS-ST-0750 Datasheet
361Kb / 3P
   Sparctube Switching Spark Gap
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com